Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 4 Page - Maxim Integrated Products

  VSC7173 Datasheet HTML 1Page - Maxim Integrated Products VSC7173 Datasheet HTML 2Page - Maxim Integrated Products VSC7173 Datasheet HTML 3Page - Maxim Integrated Products VSC7173 Datasheet HTML 4Page - Maxim Integrated Products VSC7173 Datasheet HTML 5Page - Maxim Integrated Products VSC7173 Datasheet HTML 6Page - Maxim Integrated Products VSC7173 Datasheet HTML 7Page - Maxim Integrated Products VSC7173 Datasheet HTML 8Page - Maxim Integrated Products VSC7173 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
FUNCTIONAL DESCRIPTIONS
Modes of Operation
Table 1 summarizes the VSC7173 operational mode choices. The mode of the VSC7173 is determined by the
following pins.
MODE1: Controls whether the selection of port 0 to port 1 is edge-sensitive or level-sensitive. When LOW, port
selection is level-sensitive (to enable level-sensitive port selection, pin PORTSEL1 must also be LOW). When HIGH,
port selection is edge-sensitive.
MODE0: Controls the function of the unselected port. When LOW, the output of this port is turned off. When HIGH,
the output of this unselected port is the same data as seen on the selected port.
PORTSEL0: In level-sensitive mode (MODE1 is LOW and PORTSEL1 is LOW), controls the selection of port 0 or
port 1. When LOW, port 0 is selected; when HIGH, port 1 is selected. In edge-sensitive mode (MODE1 is HIGH),
controls the selection of port 0; a rising edge on this pin selects port 0.
PORTSEL1: In level-sensitive mode (MODE1 is LOW), must be held LOW. In edge-sensitive mode (MODE1 is
HIGH), controls the selection of port 1; a rising edge on this pin selects port 1.
X = don’t care;
↑ = rising.
Status Pins
Two output pins, P0SLTD and OOBPORT0, are provided for status monitoring. Table 2 summarizes the functionality
of these two output pins. OOBPORT0 reports whether the signal on port 0 is above or below the threshold selected in
Table 5. P0SLTD, depending on the state of MODE1, can either report which port is selected or can report whether
the signal on port 1 is above or below the threshold selected in Table 5.
X = don’t care;
↑ = rising.
Table 1. Port Selection Operating Modes
Input Pins
High-Speed Connections
MODE1
MODE0
PORTSEL0
PORTSEL1
P0OUT
P1OUT
P2OUT
0 (level)
0
0
0
P2IN
OFF
P0IN
0 (level)
0
1
0
OFF
P2IN
P1IN
0 (level)
1
0
0
P2IN
P2IN
P0IN
0 (level)
1
1
0
P2IN
P2IN
P1IN
1 (edge)
0
X
OFF
P2IN
P1IN
1 (edge)
0
XP2IN
OFF
P0IN
1 (edge)
1
X
P2IN
P2IN
P1IN
1 (edge)
1
X
P2IN
P2IN
P0IN
Table 2. Output Status Pins
Input Pins
Output Status Pins
MODE1
PORTSEL0
PORTSEL1
P0SLTD
OOBPORT0
0 (level)
X
X
OOB status port 1—1 indicates signal is
below OOB threshold, 0 indicates signal
is above OOB threshold
OOB status port 0—1 indicates signal
is below OOB threshold, 0 indicates
signal is above OOB threshold
1 (edge)
X
Indicates port selected, 0 = port 1
OOB status port 0
1 (edge)
X
Indicates port selected, 1 = port 0
OOB status port 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com