Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button VSC7173 Datasheet HTML 9Page - Maxim Integrated Products VSC7173 Datasheet HTML 10Page - Maxim Integrated Products VSC7173 Datasheet HTML 11Page - Maxim Integrated Products VSC7173 Datasheet HTML 12Page - Maxim Integrated Products VSC7173 Datasheet HTML 13Page - Maxim Integrated Products VSC7173 Datasheet HTML 14Page - Maxim Integrated Products VSC7173 Datasheet HTML 15Page - Maxim Integrated Products VSC7173 Datasheet HTML 16Page - Maxim Integrated Products VSC7173 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
Pin Identifications
Table 13. Pin Identifications
Pin Number
Signal
Type
Level
Description
7, 6
15, 14
31, 30
P0OUTP, P0OUTN
P1OUTP, P1OUTN
P2OUTP, P2OUTN
O
High-
Speed
These are the high-speed differential outputs for port 0, port 1,
and port 2. These outputs must be AC-coupled.
3, 4
11, 12
27, 28
P0INP, P0INN
P1INP, P1INN
P2INP, P2INN
I
High-
Speed
These are the high-speed differential inputs for port 0, port 1, and
port 2. These inputs must be AC-coupled.
19
18
PORTSEL0
PORTSEL1
I
LVTTL
These two inputs select the active port (port 0 or port 1). For more
information on the modes of operation, see Table 1 on page 4.
2
10
26
HIV0
HIV1
HIV2
I
LVTTL
When HIGH, these inputs select the high voltage swing output
mode for the corresponding output buffer and enable pre-
emphasis. See Table 4 on page 6.
24
23
OOBSEL0
OOBSEL1
I
LVTTL
These two inputs control the OOB detector threshold voltage for
all three input ports. See Table 5 on page 7 for threshold levels.
1
P0SLTD
O
LVTTL
This output reports which port is selected or OOB status of port 1,
depending on the value of MODE1. See Table 2 on page 4.
9
OOBPORT0
O
LVTTL
When HIGH, this output indicates that the input signal for port 0 is
below the OOB threshold. When LOW, the input signal for port 0
is above the OOB threshold.
17
MODE0
I
LVTTL
This input is used to select the operating mode for the VSC7173
as described in Table 1 on page 4.
21
MODE1
I
LVTTL
This input is used to select the operating mode for the VSC7173
as described in Table 1 on page 4.
20
VDD
Power
3.3 V power supply for all circuits except the high-speed output
buffers.
8, 16
32
VDD0, VDD1
VDD2
Power
3.3 V output buffer power supply for P0OUTP/N, P1OUTP/N, and
P2OUTP/N, respectively.
25
Reserved
Reserved for future use. Leave unconnected.
5, 13,
22, 29
DAP
VSS
GND
Common ground.
DAP is the exposed die attach pad on the bottom of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com