Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 1 Page - Maxim Integrated Products

  VSC7173 Datasheet HTML 1Page - Maxim Integrated Products VSC7173 Datasheet HTML 2Page - Maxim Integrated Products VSC7173 Datasheet HTML 3Page - Maxim Integrated Products VSC7173 Datasheet HTML 4Page - Maxim Integrated Products VSC7173 Datasheet HTML 5Page - Maxim Integrated Products VSC7173 Datasheet HTML 6Page - Maxim Integrated Products VSC7173 Datasheet HTML 7Page - Maxim Integrated Products VSC7173 Datasheet HTML 8Page - Maxim Integrated Products VSC7173 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
VSC7173 Data Sheet
Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1
May 23, 2005
Confidential
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Maxim Integrated Products
1 of 17
To order the VSC7173 device, see “Ordering Information,” page 17.
GENERAL DESCRIPTION
The VSC7173 is a Serial ATA and Serial Attached SCSI multiplexer and buffer that implements a 2:1 port selector
function for 1.5 Gbps and 3.0 Gbps links. This function is used when dual hosts, such as I/O controllers, must access
single-port disk drives in high availability storage subsystems where redundancy and load sharing are important. The
outputs from the I/O controllers are multiplexed to a Serial ATA or Serial Attached SCSI drive. The output from the
Serial ATA drive is buffered and replicated to the I/O controllers. When switching from one I/O controller to the
other, a Serial ATA link must be re-initialized with out-of-band (OOB) signals, which are transferred through the
VSC7173 transparently. The VSC7173 provides high output swings with pre-emphasis, and programmable receiver
sensitivity that are needed to drive long backplanes and external cables.
In addition to the above features, the VSC7173 also supports a 1:2 port multiplier mode where one host can connect
two drives.
Port connectivity for the device is configured by driving external I/O pins. See the block diagram on page 2.
FEATURES
● 2:1 port selector and 1:2 port multiplier for both
Serial ATA (SATA) and Serial Attached SCSI
(SAS) links
● Serial ATA 1.0 compliant at 1.5 Gbps
(3.0 Gbps capable)
● Passes Serial ATA patterns transparently
● Programmable receiver sensitivity
● High output swing mode with pre-emphasis
● Compatible with VSC7175 and VSC7177 designs
● 0.7 W power dissipation
● 3.3 V power supply
● 32-pin, 7 mm x 7 mm QFP-N package
APPLICATIONS
● Active-passive redundant failover systems
● Dual-port Serial ATA and Serial Attached SCSI
disk arrays (JBODs)
● NAS servers
● RAID subsystems
● Disk-based backup systems
● Serial ATA and Serial Attached SCSI routing
applications
● Buffers for externally connected links
● Serial ATA port replicators
● Serial ATA Host Bus Adapters selecting between
internal and external connectors


Similar Part No. - VSC7173

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
VSC7177 MAXIM-VSC7177 Datasheet
254Kb / 24P
Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
VSC7177XYI MAXIM-VSC7177XYI Datasheet
254Kb / 24P
Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
VSC7177YI MAXIM-VSC7177YI Datasheet
254Kb / 24P
Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
More results

Similar Description - VSC7173

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LSISASX28 LSI-LSISASX28 Datasheet
286Kb / 2P
28-Port 3Gb/s Serial Attached SCSI Expander
logo
Exar Corporation
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
SERIAL ATA II: 1:2 PORT MULTIPLIER
logo
Maxim Integrated Produc...
VSC7177 MAXIM-VSC7177 Datasheet
254Kb / 24P
Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
logo
Molex Electronics Ltd.
78012-0011 MOLEX-78012-0011 Datasheet
172Kb / 2P
Serial Attached SCSI
logo
Exar Corporation
XRS10L120 EXAR-XRS10L120_09 Datasheet
393Kb / 36P
SERIAL ATA II: PORT MULTIPLIER
XRS10L140 EXAR-XRS10L140 Datasheet
426Kb / 36P
SERIAL ATA II: PORT MULTIPLIER
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
SERIAL ATA II: PORT SELECTOR
XRS10L220 EXAR-XRS10L220 Datasheet
453Kb / 38P
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
logo
Moxa Inc.
IA5000 MOXA-IA5000 Datasheet
2Mb / 6P
1 and 2-port serial device servers for industrial automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com