Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button VSC7173 Datasheet HTML 4Page - Maxim Integrated Products VSC7173 Datasheet HTML 5Page - Maxim Integrated Products VSC7173 Datasheet HTML 6Page - Maxim Integrated Products VSC7173 Datasheet HTML 7Page - Maxim Integrated Products VSC7173 Datasheet HTML 8Page - Maxim Integrated Products VSC7173 Datasheet HTML 9Page - Maxim Integrated Products VSC7173 Datasheet HTML 10Page - Maxim Integrated Products VSC7173 Datasheet HTML 11Page - Maxim Integrated Products VSC7173 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
ELECTRICAL SPECIFICATIONS
DC Characteristics
Specifications are guaranteed over the recommended operating conditions listed in Table 11.
Table 6. LVTTL Inputs and Outputs
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Condition
VOH
Output HIGH voltage
2.0
2.2
VDD
VIOH = –4 mA
VOL
Output LOW voltage
0.0
0.2
0.4
V
IOL = 4 mA
VIH
Input HIGH voltage
2.0
VDD
V
VIL
Input LOW voltage
0.0
0.8
V
II
Input current (includes a weak pull-up
resistor)
–200
+50
µA0V < VIL < 2.4 V
Table 7. High-Speed Inputs and Outputs
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Condition
VTH
Input threshold voltage for OOB
detection
200
mV
See Table 5 on page 7.
VOCM
High-speed output common-mode
voltage
2.0
V
Normal Swing mode.
100
Ω termination
between true and
complement outputs.
1.7
V
High Swing mode.
100
Ω termination
between true and
complement outputs.
VICM
High-speed input common-mode voltage
1.5
V
ZIN
Differential input impedance
85
100
115
Ω
Table 8. Power Supply Requirements
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Condition
VDD
Power supply voltage
3.0
3.3
3.6
V
±10% on all supplies
IDD
Power supply current (total on all supply
pins)
150
170
mA
Normal Swing mode
200
235
mA
High Swing mode
PD
Total power dissipation
540
625
mW
Normal Swing mode
720
850
mW
High Swing mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com