Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button VSC7173 Datasheet HTML 9Page - Maxim Integrated Products VSC7173 Datasheet HTML 10Page - Maxim Integrated Products VSC7173 Datasheet HTML 11Page - Maxim Integrated Products VSC7173 Datasheet HTML 12Page - Maxim Integrated Products VSC7173 Datasheet HTML 13Page - Maxim Integrated Products VSC7173 Datasheet HTML 14Page - Maxim Integrated Products VSC7173 Datasheet HTML 15Page - Maxim Integrated Products VSC7173 Datasheet HTML 16Page - Maxim Integrated Products VSC7173 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
ORDERING INFORMATION
The VSC7173 device is available in a lead(Pb)-free package. VSC7173XYI is 32-pin leadless quad flat pack
(QFP-N) with an exposed pad.
Lead(Pb)-free products from Maxim comply with the temperatures and profiles defined in the joint IPC and JEDEC
standard IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC standard.
Table 15. VSC7173 Ordering Information
Part Number
Description
VSC7173XYI
Lead(Pb)-free 32-pin QFP-N, 7 mm x 7 mm x 0.9 mm body
Maxim Integrated Products
120 San Gabriel Drive
Sunnyvale, CA 94086
United States
408-737-7600
www.maxim-ic.com
Copyright © 2004
to 2005 Maxim Integrated Products
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. Maxim retains
the right to make changes to its products or specifications to improve performance, reliability or manufacturability. All information in
this document, including descriptions of features, functions, performance, technical specifications and availability, is subject to
change without notice at any time. While the information furnished herein is held to be accurate and reliable, no responsibility will be
assumed by Maxim for its use. Furthermore, the information contained herein does not convey to the purchaser of microelectronic
devices any license under the patent right of any manufacturer.
Maxim products are not intended for use in life support products where failure of a Maxim product could reasonably be expected to
result in death or personal injury. Anyone using a Maxim product in such an application without express written consent of an officer
of Maxim does so at their own risk, and agrees to fully indemnify Maxim for any damages that may result from such use or sale.
is a registered trademark of Maxim Integrated Products, Inc.
All other products or service names used in this publication are for identification purposes only, and may be trademarks or registered
trademarks of their respective companies. All other trademarks or registered trademarks mentioned herein are the property of their
respective holders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com