Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 5 Page - Maxim Integrated Products

  VSC7173 Datasheet HTML 1Page - Maxim Integrated Products VSC7173 Datasheet HTML 2Page - Maxim Integrated Products VSC7173 Datasheet HTML 3Page - Maxim Integrated Products VSC7173 Datasheet HTML 4Page - Maxim Integrated Products VSC7173 Datasheet HTML 5Page - Maxim Integrated Products VSC7173 Datasheet HTML 6Page - Maxim Integrated Products VSC7173 Datasheet HTML 7Page - Maxim Integrated Products VSC7173 Datasheet HTML 8Page - Maxim Integrated Products VSC7173 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
Reset State
The power-up state of the VSC7173 is based on the PORTSEL0 and PORTSEL1 input signals. When in level-
sensitive mode, the active port connected to port 2 is controlled directly by the PORTSEL0 input. This is the same
behavior as the normal operating condition described above. When in edge-sensitive mode, the active port connected
to port 2 is defined in Table 3. The state diagram in Figure 3 indicates the same result in a different format.
Table 3. Power-up State (Edge-Sensitive Mode)
PORTSEL0
PORTSEL1
Active Port
P0SLTD Output
0
0
Port 0 selected
1
1
0
Port 0 selected
1
0
1
Port 1 selected
0
1
1
Port 0 selected
1
Figure 3. Reset State Machine (Edge-Sensitive Mode)
Reset State
Port 0 Selected
Port 1 Selected
PORTSEL0=0, PORTSEL1=1
and Reset=0
(PORTSEL0=1, PORTSEL1=1
or PORTSEL1=0)
and Reset=0
PORTSEL0
PORTSEL1
Reset=1
Reset=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com