Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button VSC7173 Datasheet HTML 9Page - Maxim Integrated Products VSC7173 Datasheet HTML 10Page - Maxim Integrated Products VSC7173 Datasheet HTML 11Page - Maxim Integrated Products VSC7173 Datasheet HTML 12Page - Maxim Integrated Products VSC7173 Datasheet HTML 13Page - Maxim Integrated Products VSC7173 Datasheet HTML 14Page - Maxim Integrated Products VSC7173 Datasheet HTML 15Page - Maxim Integrated Products VSC7173 Datasheet HTML 16Page - Maxim Integrated Products VSC7173 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
Package Drawing
Figure 10. Package Drawing
NOTES: Drawing not to scale.
All units in mm unless otherwise noted.
“b” is measured 0.20 to 0.25 from the terminal tip.
Item
Minimum
Maximum
A
0.85 nom.
0.90
A1
0
0.05
A3
0.20 REF
b
0.23
0.35
D
7.00 BSC
D2
4.95
5.25
e
0.65 BSC
L
0.50
0.75
e
Side View
A3
A
A1
D
D
Top View
1
b
L
25
32
24
1
8
9
16
17
D2
0.45
D2
Bottom View
12° max.
Exposed Pad
Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com