Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button VSC7173 Datasheet HTML 5Page - Maxim Integrated Products VSC7173 Datasheet HTML 6Page - Maxim Integrated Products VSC7173 Datasheet HTML 7Page - Maxim Integrated Products VSC7173 Datasheet HTML 8Page - Maxim Integrated Products VSC7173 Datasheet HTML 9Page - Maxim Integrated Products VSC7173 Datasheet HTML 10Page - Maxim Integrated Products VSC7173 Datasheet HTML 11Page - Maxim Integrated Products VSC7173 Datasheet HTML 12Page - Maxim Integrated Products VSC7173 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
AC Characteristics
Specifications are guaranteed over the recommended operating conditions listed in Table 11 on page 11.
1. Refer to Application Note AN-37 for differential measurement techniques.
2. Output swings are higher than the Serial ATA 1.0 specification to compensate for anticipated PCB or connector losses.
Figure 7. Timing Waveform
Table 9. High-Speed Inputs and Outputs
Symbol
Parameter
Minimum
Maximum
Unit
Condition
tP
Propagation delay from any high-speed input
to high-speed output
0.4
2.0
ns
tON
Propagation delay from signal present at
input to output buffer turned on
3.0
12.0
ns
tOFF
Propagation delay from no signal at input to
output buffer turned off
3.0
12.0
ns
tR, tF
Rise and fall times
67
260
ps
1.5 Gbps operation,
20% to 80%.
VOUT
(1)
OUTx output differential peak-to-peak
voltage swing in normal swing mode
(HIVx is LOW)
500
700
mVp-p
Measured per Serial ATA 1.0
specification, section 6.6.3.
100
Ω termination between
true and complement outputs.
VOUT
(1, 2)
OUTx output differential peak-to-peak
voltage swing in high swing mode
(HIVx is HIGH)
800
1300
mVp-p
Measured per Serial ATA 1.0
specification, section 6.6.3.
100
Ω termination between
true and complement outputs.
VIN
INx input differential peak-to-peak swing with
OOBSEL1 = 1 and OOBSEL0 = 0
(OOB nominal)
275
1600
mVp-p
Measured per Serial ATA 1.0
specification.
VIN
INx input differential peak-to-peak swing with
OOBSEL1 = 0 and OOBSEL0 = 1
(OOB minimal)
225
1600
mVp-p
Measured per Serial ATA 1.0
specification, section 6.6.3.
High-Speed Input
tON
tOFF
High-Speed Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com