Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button VSC7173 Datasheet HTML 9Page - Maxim Integrated Products VSC7173 Datasheet HTML 10Page - Maxim Integrated Products VSC7173 Datasheet HTML 11Page - Maxim Integrated Products VSC7173 Datasheet HTML 12Page - Maxim Integrated Products VSC7173 Datasheet HTML 13Page - Maxim Integrated Products VSC7173 Datasheet HTML 14Page - Maxim Integrated Products VSC7173 Datasheet HTML 15Page - Maxim Integrated Products VSC7173 Datasheet HTML 16Page - Maxim Integrated Products VSC7173 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
PACKAGE INFORMATION
The VSC7173 device is available in a lead(Pb)-free package. VSC7173XYI is a 32-pin leadless quad flat pack
(QFP-N) with an exposed pad.
Lead(Pb)-free products from Maxim comply with the temperatures and profiles defined in the joint IPC and JEDEC
standard IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC standard.
Thermal Specifications
Thermal specifications for this device are based on the JEDEC standard EIA/JESD51-2 and have been modeled using
a four-layer test board with two signal layers, a power plane, and a ground plane (2s2p PCB). For more information,
see the JEDEC standard.
To achieve results similar to the modeled thermal resistance measurements, the guidelines for board design described
in the JEDEC standard EIA/JESD51 series must be applied. For information about specific applications, see the
following:
EIA/JESD51-5, Extension of Thermal Test Board Standards for Packages with Direct Thermal Attachment
Mechanisms
EIA/JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
EIA/JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
EIA/JESD51-10, Test Boards for Through-Hole Perimeter Leaded Package Thermal Measurements
EIA/JESD51-11, Test Boards for Through-Hole Area Array Leaded Package Thermal Measurement
Moisture Sensitivity
This device is rated moisture sensitivity level 3 or better as specified in the joint IPC and JEDEC standard
IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC standard.
Table 14. Thermal Resistances
Part Number
θ
JC
θ
JA (°C/W) vs. Airflow (ft/min)
0
100
200
VSC7173XYI
18.2
30.0
28.7
27.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com