Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button VSC7173 Datasheet HTML 2Page - Maxim Integrated Products VSC7173 Datasheet HTML 3Page - Maxim Integrated Products VSC7173 Datasheet HTML 4Page - Maxim Integrated Products VSC7173 Datasheet HTML 5Page - Maxim Integrated Products VSC7173 Datasheet HTML 6Page - Maxim Integrated Products VSC7173 Datasheet HTML 7Page - Maxim Integrated Products VSC7173 Datasheet HTML 8Page - Maxim Integrated Products VSC7173 Datasheet HTML 9Page - Maxim Integrated Products VSC7173 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
High-Speed Outputs
Each port has a high-speed output buffer that transmits the differential serial ATA data at rates up to 3.0 Gbps. The
output pins for the ports are P0OUTP/N, P1OUTP/N, and P2OUTP/N. Each output buffer has an input to indicate
when OOB signals are being transmitted and a single input to control the output voltage amplitude and to enable pre-
emphasis.
Transmitting OOB Signals
Both differential output signals are at the DC-bias voltage when the output buffer is disabled. The output buffer is
disabled when OOB signals are transmitted and when an output port is turned “off.” For more information, see
“Functional Descriptions,” page 4.
Output Amplitude and Pre-Emphasis
Each of the output buffers has an amplitude control input pin, the state of which sets the differential output voltage
(within normal SATA levels). Pin HIV0 corresponds to port 0, pin HIV1 corresponds to port 1, and pin HIV2
corresponds to port 2. See Table 4. Recommended output AC-coupling capacitor values are 0.01
µF. When the
amplitude control pin is HIGH, the output is configured for high voltage swing mode, which is useful for driving
extended length media such as backplanes or external cables. Setting the output to high swing mode should be done
only in controlled environments, because the output voltage exceeds the Serial ATA 1.0 differential mode
specifications.
The output buffers have a pre-emphasis circuit that is enabled when HIVx is HIGH. Pre-emphasis accentuates higher
frequency signals in a transmitted data stream. This feature takes into consideration that a signal loses amplitude and
affects the data eye opening as it goes through long trace length runs. Figure 5 shows the effects of the pre-emphasis
feature. The amplitude increase is between 20% and 30%, and the duration of the amplitude increase is between
150 ps and 300 ps.
Figure 4. High-Speed Output Buffer
Table 4. Output Amplitude and Pre-Emphasis
HIVx Pin State
Output Swing Level
Pre-Emphasis
0
Normal
None
1
High
Enabled
Output
OutputN
Data
TX Common Mode
HIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com