Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 20Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 21Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 22Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 23Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 24Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 25Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 26Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 27Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
Data Sheet
ADL6337
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. E | 24 of 53
Figure 84. Gain, Noise Figure, OIP2, OIP3, OP1dB vs. DSA Sweep, Frequency
= 3300 MHz
Figure 85. Gain, Noise Figure, OIP2, OIP3, OP1dB vs. DSA Sweep, Frequency
= 3600 MHz
Figure 86. Gain, Noise Figure, OIP2, OIP3, OP1dB vs. DSA Sweep, Frequency
= 4200 MHz
Figure 87. DSA Gain Step Error; Frequency = 3300 MHz
Figure 88. Return Loss of Differential RF Input S11 at 50 Ω Match
Figure 89. Return Loss of Single-Ended RF Output S22 at 50 Ω Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com