Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 45Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 46Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 47Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 48Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 49Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 50Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 51Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 52Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
Data Sheet
ADL6337
REGISTER DETAILS
analog.com
Rev. E | 50 of 53
Table 44. Bit Descriptions for DSA_ATTSEL_2
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved
0x0
R
[5:0]
DSA_ATTEN_2
DSA Attenuator Setting ATTSEL10 When TXENP = 1
DSA2
000000 (0): 0.00 dB
000001 (1): 0.51 dB
000010 (2): 1.02 dB
000011 (3): 1.53 dB
000100 (4): 2.04 dB
000101 (5): 2.55 dB
000110 (6): 3.05 dB
000111 (7): 3.56 dB
001000 (8): 4.07 dB
001001 (9): 4.58 dB
001010 (10): 5.09 dB
001011 (11): 5.59 dB
001100 (12): 6.10 dB
001101 (13): 6.61 dB
001110 (14): 7.12 dB
001111 (15): 7.63 dB
010000 (16): 8.13 dB
010001 (17): 8.64 dB
010010 (18): 9.15 dB
010011 (19): 9.66 dB
010100 (20): 10.17 dB
010101 (21): 10.67 dB
010110 (22): 11.18 dB
010111 (23): 11.69 dB
011000 (24): 12.20 dB
011001 (25): 12.71 dB
011010 (26): 13.21 dB
011011 (27): 13.72 dB
011100 (28): 14.23 dB
011101 (29): 14.74 dB
011110 (30): 15.25 dB
011111 (31) and 100000 (32): 15.75 dB. Boundary state from DSA2 to DSA1 stage.
0x30
R/W
DSA2 + DSA1
100001 (33): 16.26 dB
100010 (34): 16.77 dB
100011 (35): 17.28 dB
100100 (36): 17.79 dB
100101 (37): 18.30 dB
100110 (38): 18.80 dB
100111 (39): 19.31 dB
101000 (40): 19.82 dB
101001 (41): 20.33 dB
101010 (42): 20.84 dB
101011 (43): 21.34 dB
101100 (44): 21.85 dB
101101 (45): 22.36 dB
101110 (46): 22.87 dB
101111 (47): 23.38 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com