Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 30Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 31Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 32Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 33Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 34Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 35Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 36Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 37Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Data Sheet
ADL6337
LINEARITY AND PERFORMANCE OPTIMIZATION (REFERENCE ONLY)
analog.com
Rev. E | 34 of 53
The ADL6337 includes a linearity and performance optimization
feature to change two types of bias current blocks: IREF and IP3.
The IREF adjustment feature is used for optimizing the output
power and current consumptions. It can be individually tuned for
each attenuation state (0, 1, 2, and 3) and for AMP1 and AMP2,
which are controlled via ATTSEL1 and ATTSEL2. The enable and
disable functions are controlled in Register 0x100[1:0] (seeTable
9), which are the main enable bits for AMP1 and AMP2. Table 11
shows a summary of IREF register address and bit names.
Use the IP3 feature to tune linearity performance. It can be enabled
and disabled individually for AMP1 and AMP2 and for each attenu-
ation state (0, 1, 2, and 3). See Table 12. All attenuation states,
however, use the same optimized values for AMP1 and AMP2.
Store the optimized values in Register 0x105[4:0] for AMP1 (see
Table 13) and Register 0x106[4:0] for AMP2 (see Table 14). The
Typical Performance Characteristics section uses the specific IREF
and IP3 values to achieve the performance shown in Table 15.
Table 11. IREF Register Summary
Attenuation
State
ATTSEL2
Pin 10
ATTSEL1
Pin 9
AMP1
AMP2
Register Address
Bit Name
Register Address
Bit Name
IREF
0
0
0
0x104[3:0]
TRM_AMP1_IREF_0_0
0x104[7:4]
TRM_AMP2_IREF_0_0
1
0
1
0x111[3:0]
TRM_AMP1_IREF_1
0x111[7:4]
TRM_AMP2_IREF_1
2
1
0
0x112[3:0]
TRM_AMP1_IREF_2
0x112[7:4]
TRM_AMP2_IREF_2
3
1
1
0x113[3:0]
TRM_AMP1_IREF_3
0x113[7:4]
TRM_AMP2_IREF_3
Table 12. IP3 Enable/Disable Register Bits
Attenuation
State
ATTSEL2
Pin 10
ATTSEL1
Pin 9
AMP1
AMP1
Register Address
Bit Name
Register Address
Bit Name
0
0
0
0x100 [5]
AMP1_IP3_OFF_0_0
0x100 [6]
AMP2_IP3_OFF_0_0
1
0
1
0x110 [0]
AMP1_IP3_OFF_1
0x110 [4]
AMP2_IP3_OFF_1
2
1
0
0x110 [1]
AMP1_IP3_OFF_2
0x110 [5]
AMP2_IP3_OFF_2
3
1
1
0x110 [2]
AMP1_IP3_OFF_3
0x110 [6]
AMP2_IP3_OFF_3
Table 13. 0x105 IP3 Register for AMP1
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
TRM_AMP1_IP3_0
Amp 1 IP3 Trim When TXENP = 1.
0x0
R/W
Table 14. 0x106 IP3 Register for AMP2
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
TRM_AMP2_IP3_0
Amp 2 IP3 Trim When TXENP = 1.
0x5
R/W
Table 15. Optimized IREF and IP3 Values
Variant
Operating Frequency
(MHz)
TRM_AMP1_IP3_0
TRM_AMP2_IP3_0
TRM_AMP1_IREF_0_0,
TRM_AMP1_IREF_1
TRM_AMP1_IREF_2
TRM_AMP1_IREF_3
TRM_AMP2_IREF_0_0
TRM_AMP2_IREF_1
TRM_AMP2_IREF_2
TRM_AMP2_IREF_3
ADL6337-A
500 to 1000
2 (0x2)
3 (0x3)
13 (0xD)
11 (0xB)
ADL6337-B
1350 to 2800
5 (0x5)
5 (0x5)
12 (0xC)
11 (0xB)
ADL6337-C
3100 to 4400
6 (0x6)
6 (0x6)
11 (0xB)
11 (0xB)
ADL6337-D
4400 to 5200
1 (0x1)
1 (0x1)
12 (0xC)
12 (0xC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com