Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 37Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 38Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 39Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 40Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 41Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 42Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 43Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 44Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
Data Sheet
ADL6337
REGISTER DETAILS
analog.com
Rev. E | 41 of 53
Address: 0x000, Reset: 0x00, Name: ADI_SPI_CONFIG
Table 20. Bit Descriptions for ADI_SPI_CONFIG
Bits
Bit Name
Description
Reset
Access
7
SOFTRESET_
Soft Reset for the Broadcasting Mode
0x0
R/W
0: Reset not asserted.
1: Reset asserted.
6
LSB_FIRST_
Least Significant Bit (LSB) First
0x0
R/W
0: Most Significant Bit (MSB) first
1: LSB first
5
ENDIAN_
Endian
0x0
R/W
0: Little Endian
1: Big Endian
4
SDOACTIVE_
SDO Active
0x0
R/W
0: SDO Inactive, 3-wire SPI Mode
1: SDO Active for 4-wire SPI Mode
3
SDOACTIVE
SDO Active
0x0
R/W
0: SDO Inactive, 3-wire SPI Mode
1: SDO Active for 4-wire SPI Mode
2
ENDIAN
Endian.
0x0
R/W
0: Little Endian
1: Big Endian
1
LSB_FIRST
LSB First
0x0
R/W
0: MSB first
1: LSB first.
0
SOFTRESET
Soft Reset for the Broadcasting Mode
0x0
R/W
0: Reset not asserted.
1: Reset asserted.
Address: 0x001, Reset: 0x00, Name: REG_0X0001
Table 21. Bit Descriptions for REG_0X0001
Bits
Bit Name
Description
Reset
Access
7
SINGLE_INSTRUCTION
Single Instruction. ADI internal.
0x0
R/W
6
CSB_STALL
CS Stall. ADI internal.
0x0
R/W
5
PRIMARY_SUBORDINATE_RB
Primary Subordinate RB. ADI internal.
0x0
R/W
[4:3]
RESERVED
Reserved. ADI internal.
0x0
R
[2:1]
SOFT_RESET
Soft Reset. ADI internal.
0x0
R/W
0
PRIMARY_SUBORDINATE_TRANSFE
R
Primary Subordinate Transfer. ADI internal.
0x0
R/W
Address: 0x003, Reset: 0x00, Name: CHIPTYPE
Table 22. Bit Descriptions for CHIPTYPE
Bits
Bit Name
Description
Reset
Access
[7:0]
CHIPTYPE
Chip Type, Read Only
0x0
R
Address: 0x004, Reset: 0x00, Name: PRODUCT_ID_L
Table 23. Bit Descriptions for PRODUCT_ID_L
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[7:0]
Product_ID_L, Lower 8 Bits
ADL6337
0x5B
R
Address: 0x005, Reset: 0x00, Name: PRODUCT_ID_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com