Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 9Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 10Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 11Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 12Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 13Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 14Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 15Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 16Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Data Sheet
ADL6337
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. E | 13 of 53
Figure 24. OIP2 vs. Frequency for Various Temperatures
Figure 25. OIP2 vs. Frequency at Various DSA Values
Figure 26. OIP2 vs. Output Power per Tone for Various Temperatures at 620
MHz and 960 MHz
Figure 27. Noise Figure vs. Frequency for Various Supplies
Figure 28. Noise Figure vs. Frequency at Various DSA Values
Figure 29. Noise Figure vs. Frequency for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com