Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL6337ACRZA-R7 Datasheet HTML 1Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 2Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 3Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 4Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 5Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 6Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 7Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 8Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Data Sheet
ADL6337
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. E
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Single-channel, high-linearity transmit VGA for RF DACs, trans-
ceivers, and SoCs to power amplifier interface
►
Single 5 V supply
►
Multiple versions covering frequencies of 500 MHz to 5200 MHz
►
Power gain: 37.4 dB (ADL6337-A), 35.5 dB (ADL6337-B), 34 dB
(ADL6337-C), 35.5 dB (ADL6337-D)
►
OIP3: 42.0 dBm (ADL6337-A), 42.5 dBm (ADL6337-B), 38 dBm
(ADL6337-C), 40 dBm (ADL6337-D)
►
OIP2: 50 dBm (ADL6337-A), 55 dBm (ADL6337-B), 68 dBm
(ADL6337-C), 74 dBm (ADL6337-D)
►
Noise figure: 3.7 dB (ADL6337-A), 4.5 dB (ADL6337-B), 5.2 dB
(ADL6337-C), 4.5 dB (ADL6337-D)
►
OP1dB: 26.1 dBm (ADL6337-A), 26.0 dBm (ADL6337-B), 25.5
dBm (ADL6337-C), 23.5 dBm (ADL6337-D)
►
RF DSA attenuation range: 31.5 dB with 0.5 dB resolution
►
50 Ω/100 Ω differential inputs and 50 Ω single-ended output
►
Fully programmable via a 3-/4-wire SPI
►
32-lead, 5 mm × 5 mm LFCSP
APPLICATIONS
►
2G/3G/4G/long-term evolution (LTE) in FDD/TDD broadband
►
Communication systems
GENERAL DESCRIPTION
The ADL6337 belongs to a family of transmit variable gain ampli-
fiers (VGAs). It provides an interface from RF digital-to-analog
converters (DACs), transceivers, and systems on a chip (SoC)
to power amplifiers. It also includes an integrated RF balun and
can be configured as a differential input, single-ended output to
allow high-performance RF capability in the 500 MHz to 5200 MHz
frequency range.
To optimize performance vs. power level, the ADL6337 includes
high linearity amplifiers and a glitch free digital step attenuator
(DSA). All of the ADL6337 components are programmable via a 3-
or 4-wire serial port interface (SPI).
The ADL6337 is manufactured on an advanced silicon germani-
um (SiGe), bipolar complementary metal-oxide semiconductor (BiC-
MOS) process.
Table 1. ADL6337 Frequency Ranges
ADL6337 Variant
Frequency Range (MHz)
A
500 to 1000
B
1350 to 2800
C
3100 to 4400
D
4400 to 5200
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADL6337ACRZA-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6337ACRZA-R7 AD-ADL6337ACRZA-R7 Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
More results

Similar Description - ADL6337ACRZA-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
ADL5532 AD-ADL5532 Datasheet
262Kb / 8P
20 MHz to 500 MHz IF Gain Blocks
May-2007
ADL5534 AD-ADL5534 Datasheet
366Kb / 9P
20 MHz to 500 MHz IF Gain Block
May-2007
ADL5531 AD-ADL5531 Datasheet
321Kb / 12P
20 MHz to 500 MHz IF Gain Block
8/07-Revision 0
logo
NXP Semiconductors
BGR269 NXP-BGR269 Datasheet
98Kb / 8P
200 MHz, 35 dB gain reverse amplifier
Rev. 6-5 August 2010
logo
California Eastern Labs
NE021 CEL-NE021 Datasheet
184Kb / 12P
HIGH INSERTION GAIN: 18.5 dB at 500 MHz
logo
Analog Devices
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
ADL6316 AD-ADL6316 Datasheet
1Mb / 37P
500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
10/2019-Revision 0
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com