Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 33Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 34Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 35Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 36Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 37Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 38Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 39Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 40Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
Data Sheet
ADL6337
DEVICE SETUP
analog.com
Rev. E | 37 of 53
The recommended ADL6337 setup sequence is as follows:
1. Supply 5.0 V.
2. Set TXENP (Pin 1) to low (GND). The power-down mode is
recommended to configure the ADL6337 via SPI.
3. Send the data in Table 17 via SPI.
4. Set TXENP (Pin 1) to high (5.0 V) to start the normal operation
mode.
Table 17. SPI Sample Script for ADL6337-B
Address
Value
Note
0x000
0x81
Software reset
0x000
0x00
3-wire SPI mode
0x100
0x07
Enable register
0x102
0x00
DSA value 0 dB ATTSEL = 00
0x104
0xBC
IREF AMP2 = 11, AMP1 = 12 for ATTSEL = 00
0x105
0x05
IP3 value 5 for AMP1
0x106
0x05
IP3 value 5 for AMP2
0x111
0xBC
IREF AMP2 = 11, AMP1 = 12 for ATTSEL = 01
0x112
0xBC
IREF AMP2 = 11, AMP1 = 12 for ATTSEL = 10
0x113
0xBC
IREF AMP2 = 11, AMP1 = 12 for ATTSEL = 11
0x114
0x1F
DSA value 15.75 dB for ATTSEL = 01
0x115
0x21
DSA value 16.26 dB for ATTSEL = 10
0x116
0x3F
DSA value 31.50 dB for ATTSEL = 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com