Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 21Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 22Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 23Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 24Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 25Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 26Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 27Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 28Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
Data Sheet
ADL6337
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. E | 25 of 53
Figure 90. Return Loss of Differential RF Input S11 at 100 Ω Match; 0.8 pF in
Shunt and 1.0 nH Series on Each Input
Figure 91. Adjacent and Alternate Channel Power Ratio vs. Output Power
(RFOUT) by PIN at 3800 MHz, LTE Test Model 1.1 (TM1.1) 5 MHz, DSA = 0 dB
Figure 92. V50AMP1, V50AMP2, and V50BIAS Current vs. Frequency for
Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com