Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 2Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 3Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 4Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 5Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 6Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 7Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 8Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 9Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
Data Sheet
ADL6337
SPECIFICATIONS
analog.com
Rev. E | 6 of 53
Table 3. SPI AC Timing (Continued)
Parameter
Description
Min
Typ
Max
Unit
tDS
Setup time between data and rising edge of SCLK
5
ns
tDH
Hold time between data and rising edge of SCLK
5
ns
tDCS
Setup time between falling edge of CS and rising edge of SCLK
10
ns
tH
Hold time between rising edge of CS and the last falling edge of SCLK, minimum 10 ns
10
ns
tDV
Maximum time delay between falling edge of SCLK and output data valid for a read operation
5
14
ns
tZ
Maximum time delay between CS deactivation and SDIO bus return to high impedance
12
ns
Timing Diagrams
Figure 2. SPI Register Timing, MSB First
Figure 3. Timing Diagram for the SPI Register Write (3- and 4-Wire SPI Mode)
Figure 4. Timing Diagram for SPI Register Read (4-Wire SPI Mode)
Figure 5. Timing Diagram for SPI Register Read (3-Wire SPI Mode, SDIO Pin is Bidirectional Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com