Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 45Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 46Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 47Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 48Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 49Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 50Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 51Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 52Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 53 page
background image
Data Sheet
ADL6337
OUTLINE DIMENSIONS
©2023-2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. E | 53 of 53
Package Drawing (Option)
Package Type
Package Description
CR-32-2
LFCSP_RT
32-Lead Lead Frame Chip Scale Package, Routable
For the latest package outline information and land patterns (footprints), go to Package Index.
Updated: November 27, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
ADL6337ACRZA
-40°C to +105°C
32-Lead LFCSP-RT (5 mm × 5 mm × 0.58 mm)
Tray, 490
CR-32-2
ADL6337ACRZA-R7
-40°C to +105°C
32-Lead LFCSP-RT (5 mm × 5 mm × 0.58 mm)
Reel, 1500
CR-32-2
ADL6337ACRZB
-40°C to +105°C
32-Lead LFCSP-RT (5 mm × 5 mm × 0.58 mm)
Tray, 490
CR-32-2
ADL6337ACRZB-R7
-40°C to +105°C
32-Lead LFCSP-RT (5 mm × 5 mm × 0.58 mm)
Reel, 1500
CR-32-2
ADL6337ACRZC
-40°C to +105°C
32-Lead LFCSP-RT (5 mm × 5 mm × 0.58 mm)
Tray, 490
CR-32-2
ADL6337ACRZC-R7
-40°C to +105°C
32-Lead LFCSP-RT (5 mm × 5 mm × 0.58 mm)
Reel, 1500
CR-32-2
ADL6337ACRZD
-40°C to +105°C
32-Lead LFCSP-RT (5 mm × 5 mm × 0.58 mm)
Tray, 490
CR-32-2
ADL6337ACRZD-R7
-40°C to +105°C
32-Lead LFCSP-RT (5 mm × 5 mm × 0.58 mm)
Reel, 1500
CR-32-2
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Package Description
ADL6337-EVALZA
Evaluation Board for Variant A: 500 MHz to 1000 MHz Operation
ADL6337-EVALZB
Evaluation Board for Variant B: 1350 MHz to 2800 MHz Operation
ADL6337-EVALZC
Evaluation Board for Variant C: 3100 MHz to 4400 MHz Operation
ADL6337-EVALZD
Evaluation Board for Variant D: 4400 MHz to 5200 MHz Operation
EVAL-SDP-CS1Z
SDP-S Controller Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com