Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 17Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 18Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 19Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 20Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 21Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 22Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 23Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 24Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Data Sheet
ADL6337
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. E | 21 of 53
ADL6337-C
V50AMP1 = V50AMP2 = 5 V, TA = 25°C, input power = −25 dBm (−25 dBm per tone for two tones), DSA attenuation= 0 dB, RS = RL = 50 Ω,
TRM_AMP1_IP3_0 = TRM_AMP2_IP3_= 6, TRM_AMP1_IREF_0_0 = TRM_AMP1_IREF_1 = TRM_AMP1_IREF_2 = TRM_AMP1_IREF_3 =
11, TRM_AMP2_IREF_0_0 = TRM_AMP2_IREF_1 = TRM_AMP2_IREF_2 = TRM_AMP2_IREF_3 = 11, unless otherwise noted.
Figure 66. Gain vs. Frequency; 0.5 dB DSA Steps
Figure 67. Gain vs. Frequency for Various Supplies
Figure 68. Gain vs. Frequency for Various Temperatures
Figure 69. Attenuation vs. DSA at 3300 MHz, 3600 MHz, and 3800 MHz
Figure 70. OP1dB vs. Frequency for Various Supplies
Figure 71. OP1dB vs. Frequency for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com