Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 36Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 37Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 38Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 39Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 40Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 41Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 42Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 43Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Data Sheet
ADL6337
REGISTER SUMMARY
analog.com
Rev. E | 40 of 53
Table 19. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x000
ADI_SPI_CON
FIG
[7:0]
SOFTRES
ET_
LSB_FIRS
T_
ENDIAN_
SDOACTI
VE_
SDOACTI
VE
ENDIAN
LSB_FIRST SOFTRESET 0x00
R/W
0x001
REG_0X0001
[7:0]
SINGLE_I
NSTRUCTI
ON
CSB_STAL
L
PRIMARY
_SUBORD
INATE_RB
RESERVED
SOFT_RESET
PRIMARY_S
UBORDINAT
E_TRANSFE
R
0x00
R/W
0x003
CHIPTYPE
[7:0]
CHIPTYPE
0x00
R
0x004
PRODUCT_ID_
L
[7:0]
PRODUCT_ID[7:0]
0x5B
R
0x005
PRODUCT_ID_
H
[7:0]
PRODUCT_ID[15:8]
0x00
R
0x00A
SCRATCHPAD [7:0]
SCRATCHPAD
0x00
R/W
0x00B
SPI_REV
[7:0]
SPI_REV
0x00
R
0x010
FEOL
[7:0]
FEOL
RESERVED
0x00
R
0x011
BEOL_SIF
[7:0]
SIF
BEOL
0x02
R
0x012
VARIANT
[7:0]
VARIANT
0x14/0x
15
R
0x020
SOFTRST_CHI
P
[7:0]
RESERVED
SOFTRESET
_CHIP
0x00
R/W
0x100
SIG_PATH0_0
[7:0]
DSA_MAN
_EN_0
AMP2_IP3
_OFF_0_0
AMP1_IP3
_OFF_0_0
LDO33_E
N_0
EN_IBIAS
GEN_RESI
STOR_0
EN_IBIAS
GEN_0
AMP2_EN_
0
AMP1_EN_0
0x07
R/W
0x102
SIG_PATH2_0
[7:0]
RESERVED
DSA_ATTEN_0_0
0x3F
R/W
0x103
SIG_PATH3_0
[7:0]
RESERVED
DSA_ATTEN_0_1
0x3F
R/W
0x104
SIG_PATH4_0
[7:0]
TRM_AMP2_IREF_0_0
TRM_AMP1_IREF_0_0
0x55
R/W
0x105
SIG_PATH5_0
[7:0]
RESERVED
TRM_AMP1_IP3_0
0x00
R/W
0x106
SIG_PATH6_0
[7:0]
RESERVED
TRM_AMP2_IP3_0
0x05
R/W
0x10A
SIG_PATHA_0 [7:0]
RESERVED
DSA1_MAN_ATTEN
0x00
R/W
0x10B
SIG_PATHB_0 [7:0]
RESERVED
DSA2_MAN_ATTEN
0x00
R/W
0x110
AMPS_IP3_AT
TSEL
[7:0]
RESERVE
D
AMP2_IP3
_OFF_3
AMP2_IP3
_OFF_2
AMP2_IP3
_OFF_1
RESERVE
D
AMP1_IP3
_OFF_3
AMP1_IP3_
OFF_2
AMP1_IP3_O
FF_1
0x00
R/W
0x111
TRM_AMPS_I
REF_1
[7:0]
TRM_AMP2_IREF_1
TRM_AMP1_IREF_1
0x55
R/W
0x112
TRM_AMPS_I
REF_2
[7:0]
TRM_AMP2_IREF_2
TRM_AMP1_IREF_2
0x55
R/W
0x113
TRM_AMPS_I
REF_3
[7:0]
TRM_AMP2_IREF_3
TRM_AMP1_IREF_3
0x55
R/W
0x114
DSA_ATTSEL_
1
[7:0]
RESERVED
DSA_ATTEN_1
0x18
R/W
0x115
DSA_ATTSEL_
2
[7:0]
RESERVED
DSA_ATTEN_2
0x30
R/W
0x116
DSA_ATTSEL_
3
[7:0]
RESERVED
DSA_ATTEN_3
0x3F
R/W
0x120
DIG_CTRL
[7:0]
RESERVED
SPI_1P8_3P3
_CTRL
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com