Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 27Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 28Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 29Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 30Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 31Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 32Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 33Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 34Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
Data Sheet
ADL6337
THEORY OF OPERATION
analog.com
Rev. E | 31 of 53
A typical RF transmitter transmits RF power at a fixed output level.
System gain varies over time, temperature, and process. Therefore,
a gain adjustable block is needed to calibrate and compensate this
variation. A VGA provides this programmable gain function.
The ADL6337 is a highly integrated RF VGA solution for transmit
paths. It provides a single-chip solution that contains a balun for
differential to single-ended signal conversion, digital attenuation,
and gain stages while offering high dynamic range multicarrier
transmitter designs.
The ADL6337 is a highly integrated 2-stage VGA used to interface
an RF DAC to the power amplifier in the transmitter. It offers
multiple gain control options with a 31.5 dB attenuation range in 0.5
dB steps integrating a RF Digital Step Attenuator (DSA1), a high
linearity amplifier, followed by a second RF Digital Step Attenuator
(DSA2), and a second high linearity amplifier.
Putting together the ADL6337 building blocks, the signal path
through the device starts with converting the differential inputs to
single ended by the integrated balun at the output.
The integrated building blocks of the ADL6337 are programmable
via the SPI.
RF INPUT AND OUTPUT
The input impedance is 50 Ω differential and the output impedance
is 50 Ω single-ended to allow the device to be driven by the DAC .
100 Ω differential inputs can be also achieved with external match-
ing networks. See the Input and Output Port Matching section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com