Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 4 Page - Hirose Electric

  DF40 Datasheet HTML 1Page - Hirose Electric DF40 Datasheet HTML 2Page - Hirose Electric DF40 Datasheet HTML 3Page - Hirose Electric DF40 Datasheet HTML 4Page - Hirose Electric DF40 Datasheet HTML 5Page - Hirose Electric DF40 Datasheet HTML 6Page - Hirose Electric DF40 Datasheet HTML 7Page - Hirose Electric DF40 Datasheet HTML 8Page - Hirose Electric DF40 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Stacking Height Variation
Standard Type
Stacking Height
No. of Pos.
1.5mm
2.0mm
2.5mm
3.0mm
3.5mm
4.0mm
10
○
-
○
-
-
-
12
○
○
-
-
-
-
20
○
○
○
-
○
-
24
○
○
-
-
-
-
30
○
○
○
○
○
-
34
○
-
-
-
-
-
40
○
○
○
○
○
-
44
-
○
-
○
-
-
50
○
○
○
○
○
○
60
○
○
○
○
○
○
70
○
○
-
○
-
-
80
○
○
-
○
○
○
90
○
-
-
○
-
○
100
○
-
-
○
-
-
120
○
-
-
-
-
-
Shielded Type
Stacking Height
No. of Pos.
1.5mm
3.0mm
3.5mm
10
○
-
-
30
○
-
-
36
-
-
○
48
○
○
-
70
-
○
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com