Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 10 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF40 Datasheet HTML 6Page - Hirose Electric DF40 Datasheet HTML 7Page - Hirose Electric DF40 Datasheet HTML 8Page - Hirose Electric DF40 Datasheet HTML 9Page - Hirose Electric DF40 Datasheet HTML 10Page - Hirose Electric DF40 Datasheet HTML 11Page - Hirose Electric DF40 Datasheet HTML 12Page - Hirose Electric DF40 Datasheet HTML 13Page - Hirose Electric DF40 Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Stacking Height 2.5 to 4.0mm
A±0.2
B±0.08
P=0.4±0.05
0.12±0.02
Vacuum Pick & Place Area : C±0.2
Recommended PCB Pattern
DF40HB (Retention Tab)
DF40HC (No Retention Tab)
B±0.02
P=0.4±0.02
B±0.02
P=0.4±0.02
0.2±0.02
0.2±0.02
1.2±0.02
Stacking Height 2.5mm
Part No.
HRS No.
No. of
Pos.
A
B
C
D
Purchase Unit
(##):(51)
Purchase Unit
(##):(58)
DF40HB(2.5)-10DS-0.4V(##)
CL0684-4189-3-##
10
4.6
1.6
1.0
2.4
〇
-
DF40HC(2.5)-20DS-0.4V(##)
CL0684-4126-3-##
20
6.6
3.6
〇
〇
DF40HC(2.5)-30DS-0.4V(##)
CL0684-4127-6-##
30
8.6
5.6
1.5
〇
-
DF40HC(2.5)-40DS-0.4V(##)
CL0684-4112-9-##
40
10.6
7.6
3.2
〇
〇
DF40HC(2.5)-50DS-0.4V(##)
CL0684-4101-2-##
50
12.6
9.6
〇
〇
DF40HC(2.5)-60DS-0.4V(##)
CL0684-4085-8-##
60
14.6
11.6
〇
〇
Unit : mm
【Specification Nmber】
(51) : Embossed Packaging (3,000pcs per reel)
(58) : Embossed Packaging (1,000pcs per reel)
Stacking Height 3.0mm
Part No.
HRS No.
No. of
Pos.
A
B
C
D
Purchase Unit
(##):(51)
Purchase Unit
(##):(58)
DF40HC(3.0)-30DS-0.4V(##)
CL0684-4098-0-##
30
8.6
5.6
1.5
2.9
〇
〇
DF40HC(3.0)-40DS-0.4V(##)
CL0684-4169-6-##
40
10.6
7.6
3.2
〇
-
DF40HC(3.0)-44DS-0.4V(##)
CL0684-4076-7-##
44
11.4
8.4
〇
〇
DF40HC(3.0)-50DS-0.4V(##)
CL0684-4099-2-##
50
12.6
9.6
〇
〇
DF40HC(3.0)-60DS-0.4V(##)
CL0684-4100-0-##
60
14.6
11.6
〇
〇
DF40HC(3.0)-70DS-0.4V(##)
CL0684-4138-2-##
70
16.6
13.6
〇
〇
DF40HC(3.0)-80DS-0.4V(##)
CL0684-4180-9-##
80
18.6
15.6
〇
〇
DF40HC(3.0)-90DS-0.4V(##)
CL0684-4161-4-##
90
20.6
17.6
〇
〇
DF40HC(3.0)-100DS-0.4V(##)
CL0684-4151-0-##
100
22.6
19.6
〇
〇
Unit : mm
【Specification Nmber】
(51) : Embossed Packaging (3,000pcs per reel)
(58) : Embossed Packaging (1,000pcs per reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com