Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 5 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 5 Page - Hirose Electric

  DF40 Datasheet HTML 1Page - Hirose Electric DF40 Datasheet HTML 2Page - Hirose Electric DF40 Datasheet HTML 3Page - Hirose Electric DF40 Datasheet HTML 4Page - Hirose Electric DF40 Datasheet HTML 5Page - Hirose Electric DF40 Datasheet HTML 6Page - Hirose Electric DF40 Datasheet HTML 7Page - Hirose Electric DF40 Datasheet HTML 8Page - Hirose Electric DF40 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Product Specifications
Rated Current
0.3A (Note 1)
Operating Temperature (Note 2)
-55 to +85℃
Rated Voltage
50V AC/DC
Operating Humidity Range
20 to 80%
Storage Temperature (Note 3)
-10 to +60℃
Storage Humidity Range (Note 3)
40 to 70%
Item
Specifications
Conditions
Insulation
Resistance
50M Ω Min.
Measured at 100V DC
Withstanding Voltage
No Flashover or Breakdown
150V AC for 1 min.
Contact Resistance
90m Ω Max.
Measured at 20 m V AC, 1kHz, 1mA
Vibration Resistance
No electrical discontinuity of 1μ s or more.
Frequency 10 to 55Hz, single amplitude of 0.75mm,
2 hours each of 3-axis direction
Moisture Resistance
Contact Resistance : 90m Ω Max.
Insulation Resistance : 25M Ω Min.
Temperature : 40 ± 2℃ , Humidity : 90 to 95%, Left for
96 hours
Temperature Cycles
Contact Resistance : 90m Ω Max.
Insulation Resistance : 50M Ω Min.
(-55℃ : 30 min. → +5 to +35℃ : 10 min. → +85℃ : 30
min.
→ +5 to +35℃ : 10 min.)5 cycles
Mating Durability
Contact Resistance : 90m Ω Max.
30 times
Solder Heat
Resistance
No dissolution or resin melting that will affect
performance.
Reflow : According to the Recommended Temperature
Profile
Hand Soldering : 350℃ within 3 sec.
Note 1 : The rated current for 120pos. is 0.25A.
Note 2 : Includes temperature rise caused by current flow.
Note 3 : Storage refers to the long-term storage condition for unused products before the board mounting.
Operating temperature and humidity range apply when the product is not powered after PCB mounting and when temporarily stored during
transportation.
Materials / Finish
Standard, Non Shielded Type
Product
Component
Material
Color / Finish
Remarks
Receptacle
Housing
LCP
Black
UL94V-0
Contact
Phosphorous Bronze
Gold Plating
-
Plug
Housing
LCP
Black
UL94V-0
Contact
Phosphorous Bronze
Gold Plating
-
Shielded Type
Product
Component
Material
Color / Finish
Remarks
Receptacle
Housing
LCP
Black
UL94V-0
Contact
Phosphorous Bronze
Gold Plating
-
Shield
-
Plug
Housing
LCP
Black
UL94V-0
Contact
Phosphorous Bronze
Gold Plating
-
Retention Tab
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com