Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 1 Page - Hirose Electric

  DF40 Datasheet HTML 1Page - Hirose Electric DF40 Datasheet HTML 2Page - Hirose Electric DF40 Datasheet HTML 3Page - Hirose Electric DF40 Datasheet HTML 4Page - Hirose Electric DF40 Datasheet HTML 5Page - Hirose Electric DF40 Datasheet HTML 6Page - Hirose Electric DF40 Datasheet HTML 7Page - Hirose Electric DF40 Datasheet HTML 8Page - Hirose Electric DF40 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DF40 Series
0.4mm Pitch, 1.5 to 4.0mm Height,
Board-to-Board/FPC-to-Board Connector
Feb. 2024
Product Page
https://www.hirose.com/en/product/series/DF40


Similar Part No. - DF40

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF400R12KE3 INFINEON-DF400R12KE3 Datasheet
492Kb / 9P
62mm C-series module with trench/fieldstop IGBT3 and Emitter Controlled diode
revision: 3.0 2013-10-03
logo
SanRex Corporation
DF40AA120 SANREX-DF40AA120 Datasheet
264Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF40AA160 SANREX-DF40AA160 Datasheet
264Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
logo
Hirose Electric
DF40B-10DS-0.4V HIROSE-DF40B-10DS-0.4V Datasheet
1Mb / 25P
0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Feb. 2024
DF40B-12DS-0.4V HIROSE-DF40B-12DS-0.4V Datasheet
1Mb / 25P
0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Feb. 2024
More results

Similar Description - DF40

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Japan Aviation Electron...
WA6 JAE-WA6 Datasheet
336Kb / 5P
0.4mm pitch Board to Board connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
0.4mm Pitch, Stacking Type Board-to-Board Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
0.4mm Pitch, Stacking Type Board-to-board Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
0.4mm pitch/ Board-to-board connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com