Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 3 Page - Hirose Electric

  DF40 Datasheet HTML 1Page - Hirose Electric DF40 Datasheet HTML 2Page - Hirose Electric DF40 Datasheet HTML 3Page - Hirose Electric DF40 Datasheet HTML 4Page - Hirose Electric DF40 Datasheet HTML 5Page - Hirose Electric DF40 Datasheet HTML 6Page - Hirose Electric DF40 Datasheet HTML 7Page - Hirose Electric DF40 Datasheet HTML 8Page - Hirose Electric DF40 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
5. Wide Self Alignment Range
Guide ribs utilizing dead space ensure 0. 33mm in
single X and Y directions.
かん合セルフアライメント量 :単一XY 軸方向に ±0.33mm
± 0.33mm
ガイドリブ
Mating Self Alignment Range : ±0.33mm in Single XY directions
X direction
X direction
Y direction
Guide Ribs
6. Supports USB4 Gen.2
(20Gbps) transmission
Only H= 1. 5mm type is compatible with Type- C
signal transmission.
7. Solder Wicking Prevention
The receptacle has a nickel barrier and the plug
has the insert molded design to prevent soldering.
8. Mated Design Protects
Contacts
Both connectors contact parts are walled to
prevent splashes such as flux from adhering to
the contacts.
9. Compliant with RoHS
In consideration of environmental issues, we do
not use substances prohibited by RoHS Directive.
10. High-Speed Signal Support,
Noise Prevention
We also have a shielded type that can support
high- speed signal and prevent noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com