Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 18 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 18 Page - Hirose Electric

Back Button DF40 Datasheet HTML 14Page - Hirose Electric DF40 Datasheet HTML 15Page - Hirose Electric DF40 Datasheet HTML 16Page - Hirose Electric DF40 Datasheet HTML 17Page - Hirose Electric DF40 Datasheet HTML 18Page - Hirose Electric DF40 Datasheet HTML 19Page - Hirose Electric DF40 Datasheet HTML 20Page - Hirose Electric DF40 Datasheet HTML 21Page - Hirose Electric DF40 Datasheet HTML 22Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Receptacle (Stacking Height 3.0 to 4.0mm)
 
 
φ1.5 Feed
Hole Back
Label
Unreeling Direction
●Embossed Tape Dimensions
●Reel Dimensions
Stacking Height 3.0mm
Part No.
A
B
C
D
E
F
DF40HC(3.0)-30DS-0.4V(##)
24
-
11.5
29.5
25.5
3.15
DF40HC(3.0)-40DS-0.4V(##)
DF40HC(3.0)-44DS-0.4V(##)
DF40HC(3.0)-50DS-0.4V(##)
DF40HC(3.0)-60DS-0.4V(##)
DF40HC(3.0)-70DS-0.4V(##)
32
28.4
14.2
37.5
33.5
DF40HC(3.0)-80DS-0.4V(##)
DF40HC(3.0)-90DS-0.4V(##)
44
40.4
20.2
49.5
45.5
DF40HC(3.0)-100DS-0.4V(##)
DF40GB(3.0)-48DS-0.4V(##)
24
-
11.5
29.5
25.5
DF40GB(3.0)-70DS-0.4V(##)
32
28.4
14.2
37.5
33.5
Unit : mm
Stacking Height 3.5mm
Part No.
A
B
C
D
E
F
DF40HC(3.5)-20DS-0.4V(##)
16
-
7.5
21.5
17.5
3.72
DF40HC(3.5)-30DS-0.4V(##)
24
11.5
29.5
25.5
DF40HC(3.5)-40DS-0.4V(##)
DF40HC(3.5)-50DS-0.4V(##)
DF40HC(3.5)-60DS-0.4V(##)
DF40HC(3.5)-80DS-0.4V(##)
32
28.4
14.2
37.5
33.5
Unit : mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com