Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 14 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 14 Page - Hirose Electric

Back Button DF40 Datasheet HTML 10Page - Hirose Electric DF40 Datasheet HTML 11Page - Hirose Electric DF40 Datasheet HTML 12Page - Hirose Electric DF40 Datasheet HTML 13Page - Hirose Electric DF40 Datasheet HTML 14Page - Hirose Electric DF40 Datasheet HTML 15Page - Hirose Electric DF40 Datasheet HTML 16Page - Hirose Electric DF40 Datasheet HTML 17Page - Hirose Electric DF40 Datasheet HTML 18Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Plug
A±0.2
B±0.08
P=0.4±0.05
0.15±0.02
Vacuum Pick & Place Area : C±0.2
Recommended PCB Pattern
P=0.4±0.02
0.3±0.02
B±0.02
0.23±0.02
0.35±0.02
0.65±0.02
Part No.
HRS No.
No. of
Pos.
A
B
C
Purchase
Unit
(##):(51)
Purchase
Unit
(##):(58)
DF40C-10DP-0.4V(##)
CL0684-4035-0-##
10
3.52
1.6
1.0
〇
〇
DF40C-12DP-0.4V(##)
CL0684-4149-9-##
12
3.92
2.0
〇
〇
DF40C-20DP-0.4V(##)
CL0684-4010-9-##
20
5.52
3.6
〇
〇
DF40C-24DP-0.4V(##)
CL0684-4011-1-##
24
6.32
4.4
1.2
〇
〇
DF40C-30DP-0.4V(##)
CL0684-4012-4-##
30
7.52
5.6
1.5
〇
〇
DF40C-34DP-0.4V(##)
CL0684-4024-3-##
34
8.32
6.4
2.3
〇
〇
DF40C-40DP-0.4V(##)
CL0684-4013-7-##
40
9.52
7.6
3.2
〇
〇
DF40C-44DP-0.4V(##)
CL0684-4077-0-##
44
10.32
8.4
〇
〇
DF40C-50DP-0.4V(##)
CL0684-4014-0-##
50
11.52
9.6
〇
〇
DF40C-60DP-0.4V(##)
CL0684-4003-3-##
60
13.52
11.6
〇
〇
DF40C-70DP-0.4V(##)
CL0684-4015-2-##
70
15.52
13.6
〇
〇
DF40C-80DP-0.4V(##)
CL0684-4001-8-##
80
17.52
15.6
〇
〇
DF40C-90DP-0.4V(##)
CL0684-4125-0-##
90
19.52
17.6
〇
〇
DF40C-100DP-0.4V(##)
CL0684-4032-1-##
100
21.52
19.6
〇
〇
DF40C-120DP-0.4V(##)
CL0684-4107-9-##
120
25.52
23.6
〇
-
Unit : mm
【Specification Nmber】
(51) : Embossed Packaging (5,000pcs per reel)
(58) : Embossed Packaging (1,000pcs per reel)
Note 1 : Please order embossed tape packaged items by the reel.
Note 2 : There are no concave areas on plug side contact part to increase the mating strength for 60 pos. or more.
Note 3 : Use the 4 corner contact as a retention tab. It will not be energized.
Note 4 : The 90 pos. or more have recesses on the suction surface that do not affect suction.
Note 5 : This connector has no polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com