Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 2 Page - Hirose Electric

  DF40 Datasheet HTML 1Page - Hirose Electric DF40 Datasheet HTML 2Page - Hirose Electric DF40 Datasheet HTML 3Page - Hirose Electric DF40 Datasheet HTML 4Page - Hirose Electric DF40 Datasheet HTML 5Page - Hirose Electric DF40 Datasheet HTML 6Page - Hirose Electric DF40 Datasheet HTML 7Page - Hirose Electric DF40 Datasheet HTML 8Page - Hirose Electric DF40 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Features
1. High Density Mounting
This is a space- saving design that minimizes
connector depth while ensuring an vacuum pick
& place area that does not affect mountability.
The smallest depth in it' s class : 3. 38mm
Conventional
Product
DF40
Space-Saving
18.6mm
80pos, 0.4mm Pitch, 1.5mm Height
Space-Saving
2. Wide Stacking Height
Variations
A wide variety of height variations, 1. 5, 2. 0, 2. 5,
3. 0, 3. 5, 4. 0mm with the space- saving design.
3. High Contact Reliability
0. 45mm of world' s largest effective mating length
for 1. 5mm mated height.
It has a good click feeling which is effective for
preventing incomplete mating, and lock design is
installed for small No. of pos. with weak mating
force to prevent disconnection.
Locking Design
(10 to 50 pos.)
High Contact Reliability - Effective Mating Length 0.45mm
Shock Absorbing Ribs
4. Robust Design with Shock
Absorbing Ribs
Ribs provided on both connectors fit in when
mated to absorb stress at impact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com