Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 16 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 16 Page - Hirose Electric

Back Button DF40 Datasheet HTML 12Page - Hirose Electric DF40 Datasheet HTML 13Page - Hirose Electric DF40 Datasheet HTML 14Page - Hirose Electric DF40 Datasheet HTML 15Page - Hirose Electric DF40 Datasheet HTML 16Page - Hirose Electric DF40 Datasheet HTML 17Page - Hirose Electric DF40 Datasheet HTML 18Page - Hirose Electric DF40 Datasheet HTML 19Page - Hirose Electric DF40 Datasheet HTML 20Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Packaging Specifications Diagram (JIS C 0806 Compliant)
Receptacle (Stacking Height 1.5mm)
Unreeling Direction
φ1.5 Feed
Hole Back
Label
●Embossed Tape Dimensions
  ●Reel Dimensions
Stacking Height 1.5mm
Part No.
A
B
C
D
E
DF40B-10DS-0.4V(##)
16
-
7.5
21.5
17.5
DF40B-12DS-0.4V(##)
DF40B-30DS-0.4V(##)
24
11.5
29.5
25.5
DF40B-50DS-0.4V(##)
DF40B-60DS-0.4V(##)
DF40B-80DS-0.4V(##)
32
28.4
14.2
37.5
33.5
DF40C-20DS-0.4V(##)
16
-
7.5
21.5
17.5
DF40C-24DS-0.4V(##)
DF40C-30DS-0.4V(##)
24
11.5
29.5
25.5
DF40C-34DS-0.4V(##)
DF40C-40DS-0.4V(##)
DF40C-50DS-0.4V(##)
DF40C-60DS-0.4V(##)
DF40C-70DS-0.4V(##)
32
28.4
14.2
37.5
33.5
DF40C-80DS-0.4V(##)
DF40C-90DS-0.4V(##)
44
40.4
20.2
49.5
45.5
DF40C-100DS-0.4V(##)
DF40C-120DS-0.4V(##)
DF40GB(1.5)-30DS-0.4V(##)
24
-
11.5
29.5
25.5
DF40GB(1.5)-48DS-0.4V(##)
Unit : mm
Note : The hole of the carrier tape for 10 to 60pos. is only one side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com