Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 8 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF40 Datasheet HTML 4Page - Hirose Electric DF40 Datasheet HTML 5Page - Hirose Electric DF40 Datasheet HTML 6Page - Hirose Electric DF40 Datasheet HTML 7Page - Hirose Electric DF40 Datasheet HTML 8Page - Hirose Electric DF40 Datasheet HTML 9Page - Hirose Electric DF40 Datasheet HTML 10Page - Hirose Electric DF40 Datasheet HTML 11Page - Hirose Electric DF40 Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Receptacle
Stacking Height 1.5mm
A±0.2
B±0.08
P=0.4±0.05
0.12±0.02
Vacuum Pick & Place Area : C±0.2
Recommended PCB Pattern
1.2±0.02
B±0.02
B±0.02
DF40B (Retention Tab)
DF40C (No Retention Tab)
P=0.4±0.02
0.2±0.02
P=0.4±0.02
0.2±0.02
Part No.
HRS No.
No. of
Pos.
A
B
C
D
Purchase Unit
(##):(51)
Purchase Unit
(##):(58)
DF40B-10DS-0.4V(##)
CL0684-4038-8-##
10
4.6
1.6
1.0
1.45
○
○
DF40B-12DS-0.4V(##)
CL0684-4152-3-##
12
5.0
2.0
○
○
DF40B-30DS-0.4V(##)
CL0684-4090-8-##
30
8.6
5.6
1.5
○
○
DF40B-50DS-0.4V(##)
CL0684-4018-0-##
50
12.6
9.6
3.2
○
-
DF40B-60DS-0.4V(##)
CL0684-4049-4-##
60
14.6
11.6
○
-
DF40B-80DS-0.4V(##)
CL0684-4052-9-##
80
18.6
15.6
○
-
DF40C-20DS-0.4V(##)
CL0684-4005-9-##
20
6.6
3.6
1.2
○
○
DF40C-24DS-0.4V(##)
CL0684-4006-1-##
24
7.4
4.4
1.5
○
○
DF40C-30DS-0.4V(##)
CL0684-4007-4-##
30
8.6
5.6
2.3
○
○
DF40C-34DS-0.4V(##)
CL0684-4023-0-##
34
9.4
6.4
3.2
○
○
DF40C-40DS-0.4V(##)
CL0684-4008-7-##
40
10.6
7.6
○
○
DF40C-50DS-0.4V(##)
CL0684-4009-0-##
50
12.6
9.6
○
○
DF40C-60DS-0.4V(##)
CL0684-4004-6-##
60
14.6
11.6
○
○
DF40C-70DS-0.4V(##)
CL0684-4016-5-##
70
16.6
13.6
○
○
DF40C-80DS-0.4V(##)
CL0684-4002-0-##
80
18.6
15.6
○
○
DF40C-90DS-0.4V(##)
CL0684-4124-8-##
90
20.6
17.6
○
○
DF40C-100DS-0.4V(##)
CL0684-4033-4-##
100
22.6
19.6
○
○
DF40C-120DS-0.4V(##)
CL0684-4108-1-##
120
26.6
23.6
○
-
Unit : mm
【Specification Number】
(51) : Embossed Packaging (5,000pcs per reel)
(58) : Embossed Packaging (1,000pcs per reel)
Note 1 : Please order embossed tape packaged items by the reel.
Note 2 : The 60 pos. or more have recesses on the suction surface that do not affect suction.
Note 3 :
is insulation area.
Note 4 : This connector has no polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com