Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 21 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 21 Page - Hirose Electric

Back Button DF40 Datasheet HTML 17Page - Hirose Electric DF40 Datasheet HTML 18Page - Hirose Electric DF40 Datasheet HTML 19Page - Hirose Electric DF40 Datasheet HTML 20Page - Hirose Electric DF40 Datasheet HTML 21Page - Hirose Electric DF40 Datasheet HTML 22Page - Hirose Electric DF40 Datasheet HTML 23Page - Hirose Electric DF40 Datasheet HTML 24Page - Hirose Electric DF40 Datasheet HTML 25Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Precautions
Recommended
Temperature
Profile
50
60sec. Max.
100
150
200
250
Heating Time (sec.)
Temperature(℃)
0
100
150
200
250
50
Normal
Temperature
300
90 to 120sec.
180℃
250℃
220℃
150℃
【Conditions】
1. Peak Temperature : 250℃
2. Heating : 220℃ Min. for 60 sec. Max.
3. Preheating : 150 to 180℃, 90 to 120 sec.
4. Number of Reflow Cycles : 2 cycles Max.
* Temperature refers to the surface temperature of
the board near the connector lead.
We recommend reflow mounting in a nitrogen environment.
Recommended
Manual
Soldering
Conditions
Soldering iron temperature : 340 ± 10℃ , Soldering Time : Within 3 sec.
Recommended
Metal Mask
Thickness and
Open Area to
PCB Pattern
(Area Ratio)
Thickness : 0.12mm, Aperture Ratio : DS 80% DP 80%
Board
Warpage
Max. of 0.02mm at the center in reference to both ends of the connector
Cleaning
Cleaning is not recommended.
If you clean this product, please evaluate its performance before using it.
(Cleaning may impair the mating/unmating properties and lower resistance to environmental factors.)
Precautions
■ Be careful when mating/unmating the connector when it is not mounted on the PCB as it may cause damage/
deformation to contacts.
■ Avoid supporting the PCB only with the connectors. Support it by other means such as bolts, screws, posts, etc.
■ Excessive prying during unmating/mating may result in damage.
■ In the case of hand soldering, please do not apply any flux which could cause flux wicking.
■ This product may have slight color differences due to production lot variability, but this does not affect the
performance.
■ Please refer to the following page for handling precautions when inserting and removing.
■ Because the product can disengage if dropped (or other impact), or by FPC routing, it is advised to secure the
mated connectors to the board with housings and cushioning materials.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com