Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 13 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 13 Page - Hirose Electric

Back Button DF40 Datasheet HTML 9Page - Hirose Electric DF40 Datasheet HTML 10Page - Hirose Electric DF40 Datasheet HTML 11Page - Hirose Electric DF40 Datasheet HTML 12Page - Hirose Electric DF40 Datasheet HTML 13Page - Hirose Electric DF40 Datasheet HTML 14Page - Hirose Electric DF40 Datasheet HTML 15Page - Hirose Electric DF40 Datasheet HTML 16Page - Hirose Electric DF40 Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Stacking Height 3.0 to 3.5mm (With Shield)
10.08±0.1
3.2±0.08
0.2±0.02
9.2±0.08
<48 pos.>
<70 pos.>
P=0.4±0.05
Vacuum Pick & Place Area : 3.2±0.2
3.12±0.2
3.12±0.2
Vacuum Pick & Place Area : 3.2±0.2
0.12±0.02
P=0.4±0.05
0.12±0.02
0.12±0.05
0.2±0.02
16.64±0.3
13.6±0.08
9.2±0.08
3.6±0.08
12.24±0.3
Recommended PCB Pattern
10.08±0.02
9.2±0.02
3.2±0.02
0.6±0.02
P=0.4±0.02
0.6±0.02
0.6±0.02
0.2±0.02
0.28±0.02
0.2±0.02
0.6±0.02
P=0.4±0.02
0.6±0.02
0.6±0.02
0.28±0.02
14.48±0.02
13.6±0.02
9.2±0.02
3.6±0.02
<48 pos.>
<70 pos.>
Stacking Height 3.0mm
Part No.
HRS No.
No. of Pos. Signal PIN Ground PIN
Purchase Unit
(##):(51)
Purchase Unit
(##):(58)
DF40GB(3.0)-48DS-0.4V(##)
CL0684-4197-1-##
48
40
12
〇
〇
DF40GB(3.0)-70DS-0.4V(##)
CL0684-4196-9-##
70
54
20
〇
〇
Unit : mm
Stacking Height 3.5mm
Part No.
HRS No.
No. of Pos. Signal PIN Ground PIN
Purchase Unit
(##):(51)
Purchase Unit
(##):(58)
DF40GB(3.5)-36DS-0.4V(##)
CL0684-4231-0-##
36
36
4
〇
ー
Unit : mm
【Specification Nmber】
(51) : Embossed Packaging (3,000pcs per reel)
(58) : Embossed Packaging (1,000pcs per reel)
Note 1 : Please order embossed tape packaged items by the reel.
Note 2 : The 70 pos. or more have recesses on the suction surface that do not affect suction.
Note 3 :
is insulation area.
Note 4 : This connector has no polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com