Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40 Datasheet(PDF) 7 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF40 Datasheet HTML 3Page - Hirose Electric DF40 Datasheet HTML 4Page - Hirose Electric DF40 Datasheet HTML 5Page - Hirose Electric DF40 Datasheet HTML 6Page - Hirose Electric DF40 Datasheet HTML 7Page - Hirose Electric DF40 Datasheet HTML 8Page - Hirose Electric DF40 Datasheet HTML 9Page - Hirose Electric DF40 Datasheet HTML 10Page - Hirose Electric DF40 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
■ Shielded Type
●
Receptacle
DF40 GB - (##) - # DS - 0.4 V (##)
❶
❷
❸
❹ ❺
❻ ❼
❽
❶ Series Name
DF40
❺ Connector Type DS : Double Row Receptacle
❷ Shape Symbol
GB : With Shield
❻ Contact Pitch
0.4mm
❸ Stacking Height
1.5 : 1.5mm
3.0 : 3.0mm
❼ Contact Type
V : Straight SMT
❹ No. of Pos.
10, 30, 36, 48, 70
❽ Packaging Type (51) : Embossed Packaging
(58) : Embossed Packaging
●
Plug
DF40 GB - # DP - 0.4 V (##)
❶
❷
❸ ❹
❺ ❻
❼
❶ Series Name
DF40
❺ Contact Pitch
0.4mm
❷ Shape Symbol
GB : Retention Tab
(For Shielded Type)
❻ Contact Type
V : Straight SMT
❸ No. of Pos.
10, 30, 36, 48, 70
❼ Packaging Type (51) : Embossed Packaging
(58) : Embossed Packaging
❹ Connector Type DP : Double Row Plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com