Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 18 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 18 Page - Sensirion AG Switzerland

Back Button SHT41A-AWSB-R3 Datasheet HTML 14Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 15Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 16Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 17Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 18Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 19Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 20Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 21Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 22Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
18 / 22
8
Tape and Reel Packaging
All specifications for the tape and reel packaging can be found on
Figure 9. Reel diameter is 13 inches.
Figure 9. Tape and reel specifications including sensor orientation in pocket (see indication of two sensors on
the right side of the tape).
9
Product Nomenclature
Position
Value(s)
Explanation
1
S
Sensirion
2
H
humidity signal
3
T
temperature signal
4
4
fourth product generation
5
1
±2 %RH / ±0.2 °C
6
A
automotive version
7
-
delimiter
8
A
I2C interface with 0x44 address
9
W
DFN package with wettable flanks
10
S
ASIL-A Safety Element out of Context (SEooC)
11
B
blank package
12
-
delimiter
13
R
tape on reel packaging
14
3
reel contains 10’000 pieces
Table 12. SHT41A-AWSB product nomenclature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com