Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 14 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 14 Page - Sensirion AG Switzerland

Back Button SHT41A-AWSB-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 13Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 14Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 15Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 16Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 17Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 18Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
14 / 22
5.9 Important notes for operating the heater:
1. The heater is designed for a maximum duty cycle of 10%, meaning the total heater-on-time should
not be longer than 10% of the sensor’s lifetime.
2. During operation of the heater, sensor specifications are not valid.
3. The temperature sensor can additionally be affected by the thermally induced mechanical stress,
offsetting the temperature reading from the actual temperature.
4. The sensor’s temperature (base temperature + temperature increase from heater) must not exceed
Tmax = 125 °C to have proper electrical functionality of the chip.
5. In its highest power setting, the heater can draw currents up to ~50 mA. The power supply should be
sized accordingly.
6. If higher heating temperatures are desired, consecutive heating commands can be sent to the sensor.
To keep times between consecutive heating pulses minimal, polling of the sensor is advised. The heater
shall only be operated in ambient temperatures below 65 °C or else it could drive the sensor outside
of its maximal operating temperature.
5.10 Reset
A reset of the sensor can be achieved in three ways:
•
I2C Soft reset: send the reset command described in
Table 9.
•
I2C general call: all devices on I2C bus are reset by sending command 0x06 to the I2C address 0x00.
•
Power down (incl. pulling SCL and SDA low)
6
Physical Specification
6.1 Package Description
SHT41A-AWSB is provided in an open-cavity dual flat no lead (DFN) package. The humidity sensor opening is
centered on the top side of the package. The sensor chip is made of silicon, hosted on a copper lead frame
and overmolded by an epoxy-based mold compound. Exposed bottom side of the leadframe with the metallic
contacts is Ni/Pd/Au coated, side walls are bare copper.
Moisture sensitivity level (MSL) of 1 according to IPC/JEDEC J-STD-020 is achieved. It is recommended to
process the sensors within one year of the date of delivery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com