Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 5 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 5 Page - Sensirion AG Switzerland

  SHT41A-AWSB-R3 Datasheet HTML 1Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 2Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 3Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 4Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 5Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
5 / 22
2.2 Relative Humidity Accuracy at the Extended Temperature Range
The typical RH accuracy tolerances in the range of T = 0 °C … 80 °C are given in Figure 3.
RH (%RH)
SHT41A [typ. Delta %RH]
100
2
90
80
70
60
50
40
30
20
10
0
0 10 20 25 30 40 50 60 70 80
Temperature [°C]
Figure 3. Typical RH accuracy tolerance over
humidity and temperature for SHT41A.
2.3 Temperature
Parameter
Conditions
Value
Units
SHT41A T Accuracy1
typ.
0.2
°C
max.
See Figure 4
-
Repeatability1
high
0.04
°C
medium
0.07
°C
low
0.1
°C
Resolution2
-
0.01
°C
Specified range3
-
–40 to +125
°C
Response time7
t63%
2
s
Long-term drift8
typ.
<0.03
°C/y
Table 2. General temperature sensor specifications.
7
Temperature response time depends on heat conductivity of sensor substrate and design-in of sensor in application.
8
Max. value is <0.04°C/y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com