Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 8 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 8 Page - Sensirion AG Switzerland

Back Button SHT41A-AWSB-R3 Datasheet HTML 4Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 5Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 9Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 12Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
8 / 22
4
Electrical Specifications
Valid for all electrical specifications: Typical values correspond to VDD = 3.3 V and T = 25 °C. Min. and max.
values are valid in the full temperature range -40 °C … 125 °C, at declared VDD levels and are based on
characterization.
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Comments
Supply voltage
VDD
2.3
3.3
5.5
V
-
Power-up/down
level
VPOR
Static power supply
0.7
-
2.3
V
-
Supply current
(no heater)
IDD
Idle state
-
18
-
µA
-
Measurement
-
320
500
µA
Average current
consumption while
sensor is measuring
Aver., high repeatability
Aver., med. repeatab.
Aver., low repeatab.
-
-
-
20
19
18
-
-
-
µA
Aver. current
consumpt. (contin.
operation at 1Hz)
Low level input
voltage
VIL
0
-
0.3*VDD
V
-
High level input
voltage
VIH
0.7*VDD
-
VDD
V
-
Pull up resistors
Rp
VDD < 3.0V
820
-
-
Ω
-
VDD ≥ 3.0V
390
-
-
Low level
output voltage
VOL
VDD ≥ 2.3V, Rp ≥ 820 Ω
-
-
0.4
V
-
VDD ≥ 3.0V, Rp ≥ 390 Ω
-
-
Table 4. Electrical specifications (continuation on next page). “x” used as placeholder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com