Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 1 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 1 Page - Sensirion AG Switzerland

  SHT41A-AWSB-R3 Datasheet HTML 1Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 2Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 3Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 4Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 5Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
1 / 22
Datasheet – SHT41A-AWSB
4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade
Relative Humidity and Temperature Sensor
Highlights
•
ASIL-A Safety Element out of Context
•
Relative humidity accuracy: up to ±2 %RH
•
Temperature accuracy: up to ±0.2 °C
•
VDD: 2.3 V … 5.5 V
•
Operating range: 0 … 100 %RH, -40 … 125 °C
•
Designed for 85 °C/85 %RH reliability testing
•
Fully functional in condensing environment
•
Variable power heater
•
AEC-Q100 qualification, high-reliability design
•
Mature technology from global market leader
•
Developed according to ISO 26262
SHT41A-AWSB is an ASIL-A Safety Element out of Context (SEooC), automotive-grade digital sensor platform for
measuring relative humidity and temperature for functional safety applications, developed according to ISO26262.
It fulfills demanding functional safety and reliability requirements for automotive applications, such as water
ingress detection inside ECU housings, Steer- and Brake-by-Wire systems, LiDARs, cameras and rain light sensors.
The sensor comes with extensive Diagnose and Safety Manuals for direct implementation and integration into
various safety concepts. The I2C interface and the integrated heater allow advanced on-board diagnostics. The
sensor element is designed for reliable operation in harsh conditions such as condensing environments. The four-
pin dual-flat-no-leads package is suitable for surface mount technology (SMT) processing and includes wettable
flanks.
Device Overview
Functional Block Diagram
Product
Details
SHT41A-AWSB
Safety element out of context
±2 %RH / ±0.2 °C, 0x44 I2C addr.,
wettable flanks, VDD = 2.3 V … 5.5 V


Similar Part No. - SHT41A-AWSB-R3

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SHT41A-AW1B SENSIRION-SHT41A-AW1B Datasheet
832Kb / 18P
4th Generation, High-Accuracy, 16-bit, Automotive-Grade Relative Humidity and Temperature Sensor
Version 2 - July 2022
More results

Similar Description - SHT41A-AWSB-R3

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
List of Unclassifed Man...
HTS2030SMD ETC2-HTS2030SMD Datasheet
214Kb / 5P
Temperature and Relative Humidity Sensor
logo
Humirel
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Sensirion AG Switzerlan...
SHT4X SENSIRION-SHT4X Datasheet
781Kb / 18P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 3 - April 2022
SHT4XA SENSIRION-SHT4XA Datasheet
832Kb / 18P
4th Generation, High-Accuracy, 16-bit, Automotive-Grade Relative Humidity and Temperature Sensor
Version 2 - July 2022
SHT4XI SENSIRION-SHT4XI Datasheet
623Kb / 15P
4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
Version 1 - November 2021
SHT4XI-DIGITAL SENSIRION-SHT4XI-DIGITAL Datasheet
864Kb / 19P
4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
Version 2 - November 2022
SHT4X SENSIRION-SHT4X_V01 Datasheet
1Mb / 16P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor Platform
Version 1 - October 2020
SHT4X SENSIRION-SHT4X_V02 Datasheet
850Kb / 22P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 4 - November 2022
SHT33-DIS SENSIRION-SHT33-DIS Datasheet
853Kb / 26P
3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
Version 1 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com