Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 10 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 10 Page - Sensirion AG Switzerland

Back Button SHT41A-AWSB-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 9Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 13Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 14Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
10 / 22
Parameter
Rating
Supply voltage VDD
-0.3 V … 6.0 V
Max. voltage on any pin
VSS -0.3 V … VDD +0.3 V
Operating temperature range
-40 °C … 125 °C
Storage temperature range9
-40 °C …150 °C
ESD HBM
6 kV
ESD CDM
750 V
Latch up, JESD78 Class II, 125°C
±100 mA
Table 7. Absolute maximum ratings.
5
Sensor Operation
5.1 I2C Communication
I2C communication is based on NXP’s I2C-bus specification and user manual UM10204, Rev.6, 4 April 2014.
Supported I2C modes are standard, fast mode, and fast mode plus. Data is transferred in multiples of 16-bit
words. In order to increase reliability of data transfer, I2C glitch protection is offered in form of 8-bit checksum
(cyclic redundancy check = CRC, see section 4.4). All transfers must begin with a start condition (S) and
terminate with a stop condition (P). To finish a read transfer, send not acknowledge (NACK) and stop condition
(P). Addressing a specific slave device is done by sending its 7-bit I2C address followed by an eighth bit,
denoting the communication direction: “zero” indicates transmission to the slave, i.e. “write”, a “one” indicates
a “read” request. Schematics of the I2C transfer types are sketched in Figure 8.
Figure 5. I2C transfer types: First a write header is sent to the I2C slave, followed by a command, for example
“measure RH&T with highest precision”. After the measurement is finished the read request directed to this
I2C slave will be acknowledged and transmission of data will be started by the slave.
5.1.1 I2C Communication Timing
All details on the timing are following the interface specification of NXP’s user manual UM10204, Rev.6, 4 April
2014. Please follow mandatory capacitor and resistor requirements given in Table 3.
5.2 I2C Data type & length
I2C bus operates with 8-bit data packages. Information from the sensor to the master has a checksum after
every second 8-bit data package.
Humidity and temperature data will always be transmitted in the following way: The first value is the
temperature signal (2 * 8-bit data + 8-bit CRC), the second is the humidity signal (2 * 8-bit data + 8-bit CRC).
9
The recommended storage temperature range is 10-50 °C. Please consult (Sensirion, Handling Instructions for Humidity Sensors, 2020
[1]) for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com