Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 9 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 9 Page - Sensirion AG Switzerland

Back Button SHT41A-AWSB-R3 Datasheet HTML 5Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 9Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 13Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
9 / 22
Parameter
Sym
bol
Conditions
Min
Typ.
Max
Unit
Comments
Cap bus load
Cb
Rp ≥ 820 Ω: fast mode
-
-
400
pF
Capac. bus load can
be determined from
Cb < trise /(0.8473*Rp).
Rise times are
trise = 300 ns for fast
mode and
trise = 120 ns for fast
mode plus
Rp ≥ 390 Ω,
VDD ≥ 3.0 V: fast mode
plus
-
-
340
pF
Table 5. Continued Electrical Specifications.
4.1 Timings
Parameter
Symbol
Conditions
Min. Typ. Max. Units
Comments
Power-up time
tPU
After hard reset,
VDD ≥ VPOR
-
0.3
1
ms
Time between VDD reaching
VPOR and sensor entering idle
state
Soft reset time
tSR
After soft reset
-
-
1
ms
Time between ACK of soft reset
command and sensor entering
idle state. Also valid for I2C
general call reset.
Measurement
duration
tMEAS,l
Low repeatability
-
1.3
1.6
ms
The three repeatability modes
differ with respect to
measurement duration, noise
level and energy consumption
tMEAS,m Med. repeatability
-
3.7
4.5
ms
tMEAS,h High repeatability
-
6.9
8.3
ms
Heater-on duration
tHeater
Long pulse
0.81
1
1.19
s
After that time the heater is
automatically switched off
Short pulse
0.08 0.1 0.12
s
After that time the heater is
automatically switched off
Table 6. System timing specifications.
4.2 Absolute Maximum Ratings
Stress levels beyond those listed in Table 6 may cause permanent damage or affect the reliability of the device.
These are stress ratings only and functional operation of the device at these conditions is not guaranteed.
Ratings are only tested each at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com