Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 7 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 7 Page - Sensirion AG Switzerland

Back Button SHT41A-AWSB-R3 Datasheet HTML 3Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 4Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 5Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 9Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 11Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
7 / 22
2.4 Recommended Operating Conditions
The sensor shows best performance when operated within the recommended normal temperature and
humidity range of 5 °C … 60 °C and 20 %RH … 80 %RH, respectively. Long term exposure to conditions outside
recommended normal range, especially at high relative humidity, may temporarily offset the RH signal (e.g.,
+3 %RH after 60 h at >80 %RH). After returning into the recommended temperature and humidity range the
sensor will recover to within specifications by itself. Prolonged exposure to extreme conditions may accelerate
ageing.
The Sensors from Sensirion’s SHT4x Family show exceptional resistance to volatile organic compounds and
ageing. To avoid contamination the conditions described in the document “Sensirion, Handling Instructions
for Humidity Sensors, 2020 [1]” must be met. Please note as well that this does apply not only to transportation
and manufacturing, but also to operation of the SHT4xA.
2.5 Design In
The above-mentioned specifications hold for the stand-alone sensing element. To achieve the best
performance please consult the document Design in Guide [2] on our website Sensirion.com.
3
Functional Safety Documentation
SHT41A-AWSB is accompanied by functional safety documentation for use in safety-critical applications (see
Table 3)
Document Name
Descsription
Access
Functional Safety Base Failure rate
Base FIT rates calculations
Link
Diagnostic Manual
Guidelines for utilizing standard
application commands for diagnostics
and failure detection
Contact Sales
Safety Manual
Safety goals definition and requirements
definition for use in SEooC ASIL-A
functional safety applications
Contact Sales
Table 3. SHT41A-AWSB available Functional Safety Documentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com