Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 16 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 16 Page - Sensirion AG Switzerland

Back Button SHT41A-AWSB-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 13Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 14Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 15Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 16Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 17Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 18Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 19Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 20Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
16 / 22
6.4 Pin Assignment & Laser Marking
Pin
Name
Comments
1
SDA
Serial data, bidirectional
RH out
2
SCL
Serial clock,
unidirectional input
T out
3
VDD
Supply voltage
4
VSS
Ground
Figure 8. Pin assignment (transparent top view). Dashed lines are only visible if the sensor is viewed from
below. The die pad is not directly connected to any pin.
The laser marking consists of two lines, indicated in Figure 13. In the first line a filled circle serves as pin-1
indicator and is followed by “SH41A”. “A” indicates the automotive grade. In the second line, the first three
characters specify the product characteristics according to positions 8, 9 and 10 of Table 11. The last three
characters serve as internal batch tracking code.
6.5 Thermal Information
Symbol
Description
Heater off, die
pad soldered
(K/W)
Heater on, die
pad soldered
(K/W)
Heater off,
die pad
not soldered
(K/W)
Heater on,
die pad
not soldered
(K/W)
DFN
DFN+WF
DFN
DFN+WF
DFN
DFN+WF
DFN
DFN+WF
������������������������
Junction-to-
ambie.
thermal
resistance
246
258
308
329
297
322
357
390
������������������������
Junction-to-
case thermal
resistance
189
183
255
252
191
188
257
254
������������������������
Junction-to-
board thermal
resistance
159
177
225
242
193
219
258
284
������������
Junction-to-
board
characteriz.
param.
159
171
223
242
191
213
254
282
������������
Junction-to-
top
characteriz.
param.
38
35
105
104
44
42
112
111
Table 11. Typical values for thermal metrics. In the “heater on” columns a heater power of 200 mW was assumed.
Soldering the die pad is not recommended, therefore the two right hand side columns are bold. The sub-
columns labelled “DFN+WF” display the results for the DFN package with soldered wettable flanks terminals.
Values are based on simulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com