Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 12 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 12 Page - Sensirion AG Switzerland

Back Button SHT41A-AWSB-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 9Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 13Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 14Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 15Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 16Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
12 / 22
5.4 I2C Command Overview
Command
(hex)
Response length
incl. CRC (bytes)
Description
[return values]
0xFD
6
measure T & RH with high precision (high repeatability)
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0xF6
6
measure T & RH with medium precision (medium repeatability)
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0xE0
6
measure T & RH with lowest precision (low repeatability)
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0x89
6
read serial number
[2 * 8-bit data; 8-bit CRC; 2 * 8-bit data; 8-bit CRC]
0x94
-
soft reset
[ACK]
0x39
6
activate heater with 200mW for 1s, including a high precision
measurement just before deactivation
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0x32
6
activate heater with 200mW for 0.1s including a high precision
measurement just before deactivation
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0x2F
6
activate heater with 110mW for 1s including a high precision
measurement just before deactivation
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0x24
6
activate heater with 110mW for 0.1s including a high precision
measurement just before deactivation
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0x1E
6
activate heater with 20mW for 1s including a high precision
measurement just before deactivation
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0x15
6
activate heater with 20mW for 0.1s including a high precision
measurement just before deactivation
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
Table 9. Overview of I2C commands. If the sensor is not ready to process a command, e.g. because it is still
measuring, it will return NACK to the I2C read header. Given heater power values are typical and valid for
VDD = 5 V. At VDD = 3.3 V, heating power is reduced to 5% of the nominal value.
5.5 Conversion of Signal Output
The digital sensor signals correspond to following humidity and temperature values:
������������ = (−6 + 125 ∙
������������������
216 − 1
) %������������
1
������ = (−45 + 175 ∙
������������
216 − 1
) °C
2
������ = (−49 + 315 ∙
������������
216 − 1
) °F
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com