Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 13 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 13 Page - Sensirion AG Switzerland

Back Button SHT41A-AWSB-R3 Datasheet HTML 9Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 13Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 14Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 15Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 16Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 17Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
13 / 22
N.B.: The RH conversion formula (1) allows values to be reported which are outside of the range of
0 %RH … 100 %RH. Relative humidity values which are smaller than 0 %RH and larger than 100 %RH are non-
physical, however these “uncropped” values might be found beneficial in some cases (e.g. when the distribution
of the sensors at the measurement boundaries are of interest). For all users who don’t want to engage in
evaluation of these non-physical values, cropping of the RH signal to the range of 0 %RH … 100 %RH is advised.
N.B. 2: From a computational perspective, in formulae (1), ( 2 ), and ( 3 ) the division by 2^16-1 can be simplified
to a division by only 2^16. The introduced accuracy deviations are <0.002 %RH and <0.003 °C, respectively.
5.6 Serial Number
Every single sensor has a unique serial number, that is assigned by Sensirion during production. It is stored in
the one-time-programmable memory and cannot be manipulated after production. The serial number is
accessible via I2C and is transmitted as two 16-bit words, each followed by an 8-bit CRC.
5.7 I2C Heater Operation
The sensor incorporates an integrated on-chip heater which can be switched on by the set of commands given
Table 7. There are three different heating powers and two different heating times accessible to the user whixh
are given in . After reception of a heater-on command, the sensor executes the following procedure:
1. The heater is enabled, and the timer starts its count-down.F
2. On timer expiration a temperature and humidity measurement with the highest repeatability is started,
the heater remains enabled.
3. After the measurement is finished the heater is turned off.
4. Temperature and humidity values are now available for readout.
The maximum on-time of the heater commands is 1 second in order to prevent overheating of the sensor by
unintended usage of the heater. Thus, there is no dedicated command to turn off the heater. For extended
heating periods it is required to send periodic heater-on commands, keeping in mind that the heater is
designed for a maximal duty cycle of less than 10%. To obtain a fast increase in temperature the idle time
between consecutive heating pulses shall be kept minimal.
Parameter
Selectable Values
Heater Power (for VDD = 5V
0 (=off), 20, 110, 200 mW
Heater-on Duration (tHeat)
0.1, 1 s
Maximal duty cycle
10%
Table 10. SHT41A-AWSB heater specifications.
5.8 Possible Heater Use Cases
Please refer to the dedicated Sensirion application notes elaborating on various use cases of the heater. In
general, the applications of the on-chip heater cover:
1. Removal of condensed / spray water on the sensor surface. Although condensed water is not a
reliability / quality problem to the sensor, it will however make the sensor non-responsive to RH
changes in the air as long as there is liquid water on the surface.
2. Drift-free operation in high humid environments. Periodic heating pulses allow for drift-free high-
humidity measurements over extended periods of times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com