Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 3 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 3 Page - Sensirion AG Switzerland

  SHT41A-AWSB-R3 Datasheet HTML 1Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 2Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 3Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 4Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 5Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
3 / 22
1
Quick Start – Hello World
A typical application circuit for SHT41A-AWSB is shown on the left-hand side of Figure 1. After reaching the
minimal supply voltage and allowing for the maximal power-up time of 1 ms the sensor is ready for I2C
communication. The quickest way to measure humidity and temperature is pseudo-coded on the right-hand
side of Figure 1. Together with the conversion formulae given in equations
1, 2 and 3, the digital signals can
be translated into relative humidity and temperature readings.
Typical application circuit
Pseudo code
i2c_write(i2c_addr=0x44, tx_bytes=[0xFD])
wait_seconds(0.01)
rx_bytes = i2c_read(i2c_addr=0x44, number_of_bytes=6)
t_ticks = rx_bytes[0] * 256 + rx_bytes[1]
checksum_t = rx_bytes[2]
rh_ticks = rx_bytes[3] * 256 + rx_bytes[4]
checksum_rh = rx_bytes[5]
t_degC = -45 + 175 * t_ticks/65535
rh_pRH = -6 + 125 * rh_ticks/65535
if (rh_pRH > 100):
rh_pRH = 100
if (rh_pRH < 0):
rh_pRH = 0
Figure 1. Typical application circuit (top) and pseudo code (bottom) for easy starting. For details on the signal
cropping in the last four lines see section 4.5.
Find code resources and embedded drivers on: https://github.com/Sensirion/embedded-sht/releases
CAD files are available on SnapEDA (“*” considered as wildcard):
•
SHT4*A-*D*B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com