Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT41A-AWSB-R3 Datasheet(PDF) 4 Page - Sensirion AG Switzerland

Part # SHT41A-AWSB-R3
Description  4th Generation, ASIL-A(C) Safety Element out of Context, High-Accuracy, Automotive-Grade Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT41A-AWSB-R3 Datasheet(HTML) 4 Page - Sensirion AG Switzerland

  SHT41A-AWSB-R3 Datasheet HTML 1Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 2Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 3Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 4Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 5Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT41A-AWSB-R3 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.sensirion.com / D1
Version 1.0 – May 2025
4 / 22
2
Humidity and Temperature Sensor Specifications
Every SHT41A-AWSB is individually tested and calibrated and is identifiable by its unique serial number (see
section 4.6 for details on the serial number). For the calibration, Sensirion uses transfer standards, which are
subject to a scheduled calibration procedure. The calibration of the reference, used for the calibration of the
transfer standards, is NIST traceable through an ISO/IEC 17025 accredited laboratory.
2.1 Relative Humidity
Parameter
Conditions
Value
Units
SHT41A RH accuracy
typ.
2
%RH
max.
See Figure 2
-
Repeatability1
high
0.08
%RH
medium
0.15
%RH
low
0.21
%RH
Resolution2
-
0.01
%RH
Hysteresis
At 25°C, 50%RH
0.8
%RH
Specified range3
extended4
0 to 100
%RH
Response time5
t63%
4
s
Long-term drift6
typ.
<0.20
%RH/y
Table 1. General relative humidity sensor specifications.
Figure 2. SHT41A typical and maximal relative
humidity accuracy at 25 °C.
1
The stated repeatability is 3 times the standard deviation (3σ) of multiple consecutive measurement values at constant conditions and
is a measure for the noise on the physical sensor output. Different repeatability commands are listed in Table 7.
2
Resolution of A/D converter.
3
Specified range refers to the range for which the humidity or temperature sensor specification is guaranteed.
4
For details about recommended humidity and temperature operating range, please refer to section 2.4.
5
Time for achieving 63% of a humidity step function, measured at 25 °C and 1 m/s airflow. Humidity response time in the application
depends on the design-in of the sensor.
6
Typical value for operation in normal RH/T operating range. Max. value is <0.5 %RH/y. Value may be higher in environments with
vaporized solvents, out-gassing tapes, adhesives, packaging materials, etc. For more details, please refer to the document Handling
Instruction for Humidity and Temperature Sensors [1].
±0
±2
±4
±6
±8
0
10 20 30 40 50 60 70 80 90 100
Relative Humidity (%RH)
SHT41A typ
SHT41A max
RH (%RH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com