Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 56 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 56 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 52Page - STMicroelectronics TDA7546TR Datasheet HTML 53Page - STMicroelectronics TDA7546TR Datasheet HTML 54Page - STMicroelectronics TDA7546TR Datasheet HTML 55Page - STMicroelectronics TDA7546TR Datasheet HTML 56Page - STMicroelectronics TDA7546TR Datasheet HTML 57Page - STMicroelectronics TDA7546TR Datasheet HTML 58Page - STMicroelectronics TDA7546TR Datasheet HTML 59Page - STMicroelectronics TDA7546TR Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
Software specifications
TDA7546
56/68
6.3.2
I2C transfer mode
This interface consists of three lines: a serial data line (SDA), a bit clock (SCL), and a slave
address select (SA).
The interface is capable of operating up to 400kbits/s. If during the setup the system clock
fsys is smaller then 8.55MHz, then the max. I2C speed decreases linear (e.i. if fsys =
4.275MHz then the maximum I2C speed is 200 kbits/s for setup).
Data transfers follow the format shown in After the START condition (S), a slave address is
sent. The address is 7 bits long followed by an eighth bit which is a data direction bit (R/_W).
A zero indicates a transmission (WRITE), a one indicates a request for data (READ).
The slave address of the chip is set to 001000S, where S is the least significant bit of the
slave address set externally via the pin SA_DATAOUT. This allows to choose between two
addresses in case of conflict with another device of the radio set.
Each byte has to be followed by an acknowledge bit (SDA low).
Data is transferred with the most significant (MSB) bit first.
A data transfer is always terminated by a stop condition (P) generated by the master.
Figure 12.
I2C data transfer
Write transfer
Figure 13.
I2C write transfer
9 registers are available with write access (please refer to the relevant sections for the
meaning of each bit).
To write registers, the external master must initiate the write transfer as described above,
then send the data to be written, and terminate the transfer by generating a stop condition.
The transfer can be terminated after having written one, two, three, four (Figure 13), or five
bytes.
S
P
1-7
8
9
1-7
8
9
1-7
8
9
SDA
SCL
START
CONDITION
STOP
CONDITION
ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK/ACK
S
Slave address
rds_int
A
A
A
sinc4reg
A
P
W
testreg
rds_bd_ctrl
from master to slave
from slave to master
W = write mode
Slave address = 001000S ( where S is the level of the pin
SA_DATAOUT)
A = acknowledge bit
P = stop condition
S = start condition
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com